Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 309 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 309 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 305Page - ATMEL Corporation AT90PWM2 Datasheet HTML 306Page - ATMEL Corporation AT90PWM2 Datasheet HTML 307Page - ATMEL Corporation AT90PWM2 Datasheet HTML 308Page - ATMEL Corporation AT90PWM2 Datasheet HTML 309Page - ATMEL Corporation AT90PWM2 Datasheet HTML 310Page - ATMEL Corporation AT90PWM2 Datasheet HTML 311Page - ATMEL Corporation AT90PWM2 Datasheet HTML 312Page - ATMEL Corporation AT90PWM2 Datasheet HTML 313Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 365 page
background image
309
AT90PWM2/3
4317B–AVR–02/05
DC Characteristics
Note:
1. “Max” means the highest value where the pin is guaranteed to be read as low
2. “Min” means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20 mA at VCC = 5V, 10 mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
TQFP and MLF Package:
1] The sum of all IOL, for all ports, should not exceed 400 mA.
2] The sum of all IOL, for ports A0 - A7, G2, C3 - C7 should not exceed 300 mA.
3] The sum of all IOL, for ports C0 - C2, G0 - G1, D0 - D7, XTAL2 should not exceed 150 mA.
4] The sum of all IOL, for ports B0 - B7, G3 - G4, E0 - E7 should not exceed 150 mA.
5] The sum of all IOL, for ports F0 - F7, should not exceed 200 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
TA = -45
°C to +105°C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input Low Voltage
Except XTAL1 pin
TBD
TBD
(1)
V
VIL1
Input Low Voltage
XTAL1 pin, External
Clock Selected
TBD
TBD
(1)
V
VIH
Input High Voltage
Except XTAL1 and
RESET pins
TBD
(2)
TBD
V
VIH1
Input High Voltage
XTAL1 pin, External
Clock Selected
TBD
(2)
TBD
V
VIH2
Input High Voltage
RESET pin
TBD
(2)
TBD
V
VOL
Output Low Voltage
(3)
(Ports A, B, C, D, E, F; G)
IOL = 20 mA, VCC = 5V
IOL = 10 mA, VCC = 3V
TBD
V
VOH
Output High Voltage
(4)
(Ports A, B, C, D,
IOH = -20 mA, VCC = 5V
IOH = -10 mA, VCC = 3V
TBD
V
IIL
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin low
(absolute value)
TBD
µA
IIH
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin high
(absolute value)
TBD
nA
R
RST
Reset Pull-up Resistor
TBD
TBD
k
Ω
Rpu
I/O Pin Pull-up Resistor
TBD
TBD
k
Ω
ICC
Power Supply Current
Active 8 MHz, VCC = 3V
TBD
mA
Active 16 MHz, VCC = 5V
TBD
mA
Idle 8 MHz, VCC = 3V
TBD
mA
Idle 16 MHz, VCC = 5V
TBD
mA
Power-down mode
(5)
WDT enabled, VCC = 3V
TBD
TBD
µA
WDT disabled, VCC = 3V
TBD
TBD
µA
VACIO
Analog Comparator
Input Offset Voltage
VCC = 5V
Vin = VCC/2
TBD
mV
IACLK
Analog Comparator
Input Leakage Current
VCC = 5V
Vin = VCC/2
TBD
TBD
nA
tACID
Analog Comparator
Propagation Delay
VCC = 2.7V
VCC = 5.0V
TBD
TBD
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com