Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 313 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 313 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 309Page - ATMEL Corporation AT90PWM2 Datasheet HTML 310Page - ATMEL Corporation AT90PWM2 Datasheet HTML 311Page - ATMEL Corporation AT90PWM2 Datasheet HTML 312Page - ATMEL Corporation AT90PWM2 Datasheet HTML 313Page - ATMEL Corporation AT90PWM2 Datasheet HTML 314Page - ATMEL Corporation AT90PWM2 Datasheet HTML 315Page - ATMEL Corporation AT90PWM2 Datasheet HTML 316Page - ATMEL Corporation AT90PWM2 Datasheet HTML 317Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 365 page
background image
313
AT90PWM2/3
4317B–AVR–02/05
SPI Timing Characteristics
See Figure 149 and Figure 150 for details.
Figure 149. SPI Interface Timing Requirements (Master Mode)
Table 134. SPI Timing Parameters
Description
Mode
Min.
Typ.
Max.
1
SCK period
Master
See Table 73
ns
2
SCK high/low
Master
50% duty cycle
3
Rise/Fall time
Master
TBD
4
Setup
Master
TBD
5HoldMaster
TBD
6
Out to SCK
Master
0.5 • tsck
7
SCK to out
Master
TBD
8
SCK to out high
Master
TBD
9
SS low to out
Slave
TBD
10
SCK period
Slave
4 • tck
11
SCK high/low
Slave
2 • tck
12
Rise/Fall time
Slave
TBD
13
Setup
Slave
TBD
14
Hold
Slave
TBD
15
SCK to out
Slave
TBD
16
SCK to SS high
Slave
TBD
17
SS high to tri-state
Slave
TBD
18
SS low to SCK
Slave
TBD
MOSI
(Data Output)
SCK
(CPOL = 1)
MISO
(Data Input)
SCK
(CPOL = 0)
SS
MSB
LSB
LSB
MSB
...
...
61
22
3
45
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com