Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 311 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 311 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 307Page - ATMEL Corporation AT90PWM2 Datasheet HTML 308Page - ATMEL Corporation AT90PWM2 Datasheet HTML 309Page - ATMEL Corporation AT90PWM2 Datasheet HTML 310Page - ATMEL Corporation AT90PWM2 Datasheet HTML 311Page - ATMEL Corporation AT90PWM2 Datasheet HTML 312Page - ATMEL Corporation AT90PWM2 Datasheet HTML 313Page - ATMEL Corporation AT90PWM2 Datasheet HTML 314Page - ATMEL Corporation AT90PWM2 Datasheet HTML 315Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 365 page
background image
311
AT90PWM2/3
4317B–AVR–02/05
External Clock Drive Characteristics
Figure 147. External Clock Drive Waveforms
Maximum Speed vs. V
CC
Maximum frequency is depending on V
CC. As shown in Figure 148 , the Maximum Fre-
quency vs. V
CC curve is linear between x.xV < VCC < 4.5V. To calculate the maximum
frequency at a given voltage in this interval, use this equation:
At 3 Volt, this gives:
Thus, when V
CC = 3V, maximum frequency will be 14 MHz.
To calculate required voltage for a maximum frequency, use this equation::
Table 133. External Clock Drive
Symbol
Parameter
VCC = 2.7 - 5.5V
VCC = 4.5 - 5.5V
Units
Min.
Max.
Min.
Max.
1/tCLCL
Oscillator Frequency
0
TBD
0
TBD
MHz
tCLCL
Clock Period
TBD
TBD
ns
tCHCX
High Time
TBD
TBD
ns
tCLCX
Low Time
TBD
TBD
ns
tCLCH
Rise Time
TBD
TBD
µs
tCHCL
Fall Time
TBD
TBD
µs
∆t
CLCL
Change in period from one clock
cycle to the next
22
%
VIL1
VIH1
Frequency
V
0,9
–
()
0,15
----------------------
=
Frequency
30,9
–
()
0,15
----------------------
14
==
Voltage
0,9
0,15
f
•
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com