Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 324 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 324 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 320Page - ATMEL Corporation AT90PWM2 Datasheet HTML 321Page - ATMEL Corporation AT90PWM2 Datasheet HTML 322Page - ATMEL Corporation AT90PWM2 Datasheet HTML 323Page - ATMEL Corporation AT90PWM2 Datasheet HTML 324Page - ATMEL Corporation AT90PWM2 Datasheet HTML 325Page - ATMEL Corporation AT90PWM2 Datasheet HTML 326Page - ATMEL Corporation AT90PWM2 Datasheet HTML 327Page - ATMEL Corporation AT90PWM2 Datasheet HTML 328Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 365 page
background image
324
AT90PWM2/3
4317B–AVR–02/05
Figure 160. Active Supply Current vs. V
CC (32 kHz External Oscillator)
Idle Supply Current
Figure 161. Idle Supply Current vs. Frequency (0.1 - 1.0 MHz)
ACTIVE SUPPLY CURRENT vs. VCC
32 kHz EXTERNAL OSCILLATOR
25 °C
0
10
20
30
40
50
60
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
TE
MP
LA
TE
TO
BE
CH
AR
AC
TE
RI
ZE
D
IDLE SUPPLY CURRENT vs. FREQUENCY
0.1 - 1.0 MHz
5.5 V
5.0 V
4.5 V
4.0 V
3.3 V
2.7 V
1.8 V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Frequency (MHz)
TE
MP
LA
TE
TO
BE
CH
AR
AC
TE
RI
ZE
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com