Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 328 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 328 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 324Page - ATMEL Corporation AT90PWM2 Datasheet HTML 325Page - ATMEL Corporation AT90PWM2 Datasheet HTML 326Page - ATMEL Corporation AT90PWM2 Datasheet HTML 327Page - ATMEL Corporation AT90PWM2 Datasheet HTML 328Page - ATMEL Corporation AT90PWM2 Datasheet HTML 329Page - ATMEL Corporation AT90PWM2 Datasheet HTML 330Page - ATMEL Corporation AT90PWM2 Datasheet HTML 331Page - ATMEL Corporation AT90PWM2 Datasheet HTML 332Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 365 page
background image
328
AT90PWM2/3
4317B–AVR–02/05
It is possible to calculate the typical current consumption based on the numbers from
Table 2 for other V
CC and frequency settings than listed in Table 1.
Example 1
Calculate the expected current consumption in idle mode with USART0, TIMER1, and
TWI enabled at V
CC = 3.0V and F = 1MHz. From Table 2, third column, we see that we
need to add 18% for the USART0, 26% for the TWI, and 11% for the TIMER1 module.
Reading from Figure 3, we find that the idle current consumption is ~0,075mA at V
CC =
3.0V and F = 1MHz. The total current consumption in idle mode with USART0, TIMER1,
and TWI enabled, gives:
Example 2
Same conditions as in example 1, but in active mode instead. From Table 2, second col-
umn we see that we need to add 3.3% for the USART0, 4.8% for the TWI, and 2.0% for
the TIMER1 module. Reading from Figure 1, we find that the active current consumption
is ~0,42mA at V
CC = 3.0V and F = 1MHz. The total current consumption in idle mode
with USART0, TIMER1, and TWI enabled, gives:
Example 3
All I/O modules should be enabled. Calculate the expected current consumption in
active mode at V
CC = 3.6V and F = 10MHz. We find the active current consumption with-
out the I/O modules to be ~ 4.0mA (from Figure 2). Then, by using the numbers from
Table 2 - second column, we find the total current consumption:
PRTIM1
2.0%
11%
PRTIM0
1.6%
8.5%
PRSPI
6.1%
33%
PRADC
4.9%
26%
Table 140.
Additional Current Consumption (percentage) in Active and Idle mode (Continued)
PRR bit
Additional Current consumption
compared to Active with external
clock
(see Figure 155 and Figure 156)
Additional Current consumption
compared to Idle with external
clock
(see Figure 161 and Figure 162)
ICCtotal
0,075mA
10,180,260,11
++
+
()
•
0,116mA
≈≈
ICCtotal
0,42mA
1
0,033
0,048
0,02
+++
()
•
0,46mA
≈≈
ICCtotal
4,0mA
1
0,033
0,048
0,047
0,02
0,016
0,061
0,049
++++
+++
()
•
5,1mA
≈≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com