Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 216 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 216 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 212Page - Microchip Technology ATMEGA640 Datasheet HTML 213Page - Microchip Technology ATMEGA640 Datasheet HTML 214Page - Microchip Technology ATMEGA640 Datasheet HTML 215Page - Microchip Technology ATMEGA640 Datasheet HTML 216Page - Microchip Technology ATMEGA640 Datasheet HTML 217Page - Microchip Technology ATMEGA640 Datasheet HTML 218Page - Microchip Technology ATMEGA640 Datasheet HTML 219Page - Microchip Technology ATMEGA640 Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 436 page
background image
216
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
The recommendations of the maximum receiver baud rate error was made under the assumption that the Receiver
and Transmitter equally divides the maximum total error.
There are two possible sources for the receivers baud rate error. The Receiver’s system clock (XTAL) will always
have some minor instability over the supply voltage range and the temperature range. When using a crystal to gen-
erate the system clock, this is rarely a problem, but for a resonator the system clock may differ more than 2%
depending of the resonators tolerance. The second source for the error is more controllable. The baud rate gener-
ator can not always do an exact division of the system frequency to get the baud rate wanted. In this case an
UBRR value that gives an acceptable low error can be used if possible.
22.9 Multi-processor Communication Mode
Setting the Multi-processor Communication mode (MPCMn) bit in UCSRnA enables a filtering function of incoming
frames received by the USART Receiver. Frames that do not contain address information will be ignored and not
put into the receive buffer. This effectively reduces the number of incoming frames that has to be handled by the
CPU, in a system with multiple MCUs that communicate via the same serial bus. The Transmitter is unaffected by
the MPCMn setting, but has to be used differently when it is a part of a system utilizing the Multi-processor Com-
munication mode.
If the Receiver is set up to receive frames that contain 5 to 8 data bits, then the first stop bit indicates if the frame
contains data or address information. If the Receiver is set up for frames with nine data bits, then the ninth bit
(RXB8n) is used for identifying address and data frames. When the frame type bit (the first stop or the ninth bit) is
one, the frame contains an address. When the frame type bit is zero the frame is a data frame.
The Multi-processor Communication mode enables several slave MCUs to receive data from a master MCU. This
is done by first decoding an address frame to find out which MCU has been addressed. If a particular slave MCU
has been addressed, it will receive the following data frames as normal, while the other slave MCUs will ignore the
received frames until another address frame is received.
22.9.1
Using MPCMn
For an MCU to act as a master MCU, it can use a 9-bit character frame format (UCSZn = 7). The ninth bit (TXB8n)
must be set when an address frame (TXB8n = 1) or cleared when a data frame (TXB = 0) is being transmitted. The
slave MCUs must in this case be set to use a 9-bit character frame format.
The following procedure should be used to exchange data in Multi-processor Communication mode:
1. All Slave MCUs are in Multi-processor Communication mode (MPCMn in UCSRnA is set).
2. The Master MCU sends an address frame, and all slaves receive and read this frame. In the Slave MCUs,
the RXCn Flag in UCSRnA will be set as normal.
3. Each Slave MCU reads the UDRn Register and determines if it has been selected. If so, it clears the
MPCMn bit in UCSRnA, otherwise it waits for the next address byte and keeps the MPCMn setting.
Table 22-3.
Recommended Maximum Receiver Baud Rate Error for Double Speed Mode (U2Xn = 1)
D
# (Data+Parity Bit)
Rslow (%)
Rfast (%)
Max. total error (%)
Recommended max. receiver
error (%)
5
94.12
105.66
+5.66/-5.88
±2.5
6
94.92
104.92
+4.92/-5.08
±2.0
7
95.52
104.35
+4.35/-4.48
±1.5
8
96.00
103.90
+3.90/-4.00
±1.5
9
96.39
103.53
+3.53/-3.61
±1.5
10
96.70
103.23
+3.23/-3.30
±1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com