Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 218 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 218 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 214Page - Microchip Technology ATMEGA640 Datasheet HTML 215Page - Microchip Technology ATMEGA640 Datasheet HTML 216Page - Microchip Technology ATMEGA640 Datasheet HTML 217Page - Microchip Technology ATMEGA640 Datasheet HTML 218Page - Microchip Technology ATMEGA640 Datasheet HTML 219Page - Microchip Technology ATMEGA640 Datasheet HTML 220Page - Microchip Technology ATMEGA640 Datasheet HTML 221Page - Microchip Technology ATMEGA640 Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 436 page
background image
218
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
22.10 Register Description
The following section describes the USART’s registers.
22.10.1
UDRn – USART I/O Data Register n
The USART Transmit Data Buffer Register and USART Receive Data Buffer Registers share the same I/O address
referred to as USART Data Register or UDRn. The Transmit Data Buffer Register (TXB) will be the destination for
data written to the UDRn Register location. Reading the UDRn Register location will return the contents of the
Receive Data Buffer Register (RXB).
For 5-bit, 6-bit, or 7-bit characters the upper unused bits will be ignored by the Transmitter and set to zero by the
Receiver.
The transmit buffer can only be written when the UDREn Flag in the UCSRnA Register is set. Data written to UDRn
when the UDREn Flag is not set, will be ignored by the USART Transmitter. When data is written to the transmit
buffer, and the Transmitter is enabled, the Transmitter will load the data into the Transmit Shift Register when the
Shift Register is empty. Then the data will be serially transmitted on the TxDn pin.
The receive buffer consists of a two level FIFO. The FIFO will change its state whenever the receive buffer is
accessed. Due to this behavior of the receive buffer, do not use Read-Modify-Write instructions (SBI and CBI) on
this location. Be careful when using bit test instructions (SBIC and SBIS), since these also will change the state of
the FIFO.
Bit
7
6543
210
RXB[7:0]
UDRn (Read)
TXB[7:0]
UDRn (Write)
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com