Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 228 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 228 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 224Page - Microchip Technology ATMEGA640 Datasheet HTML 225Page - Microchip Technology ATMEGA640 Datasheet HTML 226Page - Microchip Technology ATMEGA640 Datasheet HTML 227Page - Microchip Technology ATMEGA640 Datasheet HTML 228Page - Microchip Technology ATMEGA640 Datasheet HTML 229Page - Microchip Technology ATMEGA640 Datasheet HTML 230Page - Microchip Technology ATMEGA640 Datasheet HTML 231Page - Microchip Technology ATMEGA640 Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 436 page
background image
228
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
correctly. Preferably the DDR_XCKn should be set up before the USART in MSPIM is enabled (that is, TXENn and
RXENn bit set to one).
The internal clock generation used in MSPIM mode is identical to the USART synchronous master mode. The
baud rate or UBRRn setting can therefore be calculated using the same equations, see Table 23-1.
Note:
1. The baud rate is defined to be the transfer rate in bit per second (bps).
BAUD
Baud rate (in bits per second, bps).
fOSC
System Oscillator clock frequency.
UBRRn
Contents of the UBRRnH and UBRRnL Registers, (0-4095).
23.3 SPI Data Modes and Timing
There are four combinations of XCKn (SCK) phase and polarity with respect to serial data, which are determined
by control bits UCPHAn and UCPOLn. The data transfer timing diagrams are shown in Figure 23-1. Data bits are
shifted out and latched in on opposite edges of the XCKn signal, ensuring sufficient time for data signals to stabi-
lize. The UCPOLn and UCPHAn functionality is summarized in Table 23-2. Note that changing the setting of any of
these bits will corrupt all ongoing communication for both the Receiver and Transmitter.
Figure 23-1. UCPHAn and UCPOLn data transfer timing diagrams.
Table 23-1.
Equations for Calculating Baud Rate Register Setting
Operating Mode
Equation for Calculating Baud Rate(1)
Equation for Calculating UBRRn Value
Synchronous Master mode
BAUD
fOSC
2 UBRRn 1
+

---------------------------------------
=
UBRRn
fOSC
2BAUD
-------------------- 1
–
=
Table 23-2.
UCPOLn and UCPHAn Functionality.
UCPOLn
UCPHAn
SPI Mode
Leading Edge
Trailing Edge
0
0
0
Sample (Rising)
Setup (Falling)
0
1
1
Setup (Rising)
Sample (Falling)
1
0
2
Sample (Falling)
Setup (Rising)
1
1
3
Setup (Falling)
Sample (Rising)
XCK
Data setup (TXD)
Data sample (RXD)
XCK
Data setup (TXD)
Data sample (RXD)
XCK
Data setup (TXD)
Data sample (RXD)
XCK
Data setup (TXD)
Data sample (RXD)
UCPOL=0
UCPOL=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com