Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 231 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 231 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 227Page - Microchip Technology ATMEGA640 Datasheet HTML 228Page - Microchip Technology ATMEGA640 Datasheet HTML 229Page - Microchip Technology ATMEGA640 Datasheet HTML 230Page - Microchip Technology ATMEGA640 Datasheet HTML 231Page - Microchip Technology ATMEGA640 Datasheet HTML 232Page - Microchip Technology ATMEGA640 Datasheet HTML 233Page - Microchip Technology ATMEGA640 Datasheet HTML 234Page - Microchip Technology ATMEGA640 Datasheet HTML 235Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 436 page
background image
231
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
23.5 Data Transfer
Using the USART in MSPI mode requires the Transmitter to be enabled, that is, the TXENn bit in the UCSRnB reg-
ister is set to one. When the Transmitter is enabled, the normal port operation of the TxDn pin is overridden and
given the function as the Transmitter's serial output. Enabling the receiver is optional and is done by setting the
RXENn bit in the UCSRnB register to one. When the receiver is enabled, the normal pin operation of the RxDn pin
is overridden and given the function as the Receiver's serial input. The XCKn will in both cases be used as the
transfer clock.
After initialization the USART is ready for doing data transfers. A data transfer is initiated by writing to the UDRn I/O
location. This is the case for both sending and receiving data since the transmitter controls the transfer clock. The
data written to UDRn is moved from the transmit buffer to the shift register when the shift register is ready to send
a new frame.
Note:
To keep the input buffer in sync with the number of data bytes transmitted, the UDRn register must be read once for
each byte transmitted. The input buffer operation is identical to normal USART mode, that is, if an overflow occurs the
character last received will be lost, not the first data in the buffer. This means that if four bytes are transferred, byte 1
first, then byte 2, 3, and 4, and the UDRn is not read before all transfers are completed, then byte 3 to be received will
be lost, and not byte 1.
The following code examples show a simple USART in MSPIM mode transfer function based on polling of the Data
Register Empty (UDREn) Flag and the Receive Complete (RXCn) Flag. The USART has to be initialized before the
function can be used. For the assembly code, the data to be sent is assumed to be stored in Register R16 and the
data received will be available in the same register (R16) after the function returns.
The function simply waits for the transmit buffer to be empty by checking the UDREn Flag, before loading it with
new data to be transmitted. The function then waits for data to be present in the receive buffer by checking the
RXCn Flag, before reading the buffer and returning the value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com