Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 236 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 236 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 232Page - Microchip Technology ATMEGA640 Datasheet HTML 233Page - Microchip Technology ATMEGA640 Datasheet HTML 234Page - Microchip Technology ATMEGA640 Datasheet HTML 235Page - Microchip Technology ATMEGA640 Datasheet HTML 236Page - Microchip Technology ATMEGA640 Datasheet HTML 237Page - Microchip Technology ATMEGA640 Datasheet HTML 238Page - Microchip Technology ATMEGA640 Datasheet HTML 239Page - Microchip Technology ATMEGA640 Datasheet HTML 240Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 436 page
background image
236
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
24. 2-wire Serial Interface
24.1 Features
• Simple yet Powerful and Flexible Communication Interface, only two Bus Lines needed
• Both Master and Slave Operation Supported
• Device can Operate as Transmitter or Receiver
• 7-bit Address Space Allows up to 128 Different Slave Addresses
• Multi-master Arbitration Support
• Up to 400kHz Data Transfer Speed
• Slew-rate Limited Output Drivers
• Noise Suppression Circuitry Rejects Spikes on Bus Lines
• Fully Programmable Slave Address with General Call Support
• Address Recognition Causes Wake-up When AVR is in Sleep Mode
24.2 2-wire Serial Interface Bus Definition
The 2-wire Serial Interface (TWI) is ideally suited for typical microcontroller applications. The TWI protocol allows
the systems designer to interconnect up to 128 different devices using only two bi-directional bus lines, one for
clock (SCL) and one for data (SDA). The only external hardware needed to implement the bus is a single pull-up
resistor for each of the TWI bus lines. All devices connected to the bus have individual addresses, and mecha-
nisms for resolving bus contention are inherent in the TWI protocol.
Figure 24-1. TWI Bus Interconnection
24.2.1
TWI Terminology
The following definitions are frequently encountered in this section.
The Power Reduction TWI bit, PRTWI bit in “PRR0 – Power Reduction Register 0” on page 55 must be written to
zero to enable the 2-wire Serial Interface.
Device 1
Device 2
Device 3
Device n
SDA
SCL
........
R1
R2
V
CC
Table 24-1.
TWI Terminology
Term
Description
Master
The device that initiates and terminates a transmission. The Master also generates the SCL clock
Slave
The device addressed by a Master
Transmitter
The device placing data on the bus
Receiver
The device reading data from the bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com