Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 237 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 237 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 233Page - Microchip Technology ATMEGA640 Datasheet HTML 234Page - Microchip Technology ATMEGA640 Datasheet HTML 235Page - Microchip Technology ATMEGA640 Datasheet HTML 236Page - Microchip Technology ATMEGA640 Datasheet HTML 237Page - Microchip Technology ATMEGA640 Datasheet HTML 238Page - Microchip Technology ATMEGA640 Datasheet HTML 239Page - Microchip Technology ATMEGA640 Datasheet HTML 240Page - Microchip Technology ATMEGA640 Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 436 page
background image
237
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
24.2.2
Electrical Interconnection
As depicted in Figure 24-1 on page 236, both bus lines are connected to the positive supply voltage through pull-up
resistors. The bus drivers of all TWI-compliant devices are open-drain or open-collector. This implements a wired-
AND function which is essential to the operation of the interface. A low level on a TWI bus line is generated when
one or more TWI devices output a zero. A high level is output when all TWI devices trim-state their outputs, allow-
ing the pull-up resistors to pull the line high. Note that all AVR devices connected to the TWI bus must be powered
in order to allow any bus operation.
The number of devices that can be connected to the bus is only limited by the bus capacitance limit of 400pF and
the 7-bit slave address space. A detailed specification of the electrical characteristics of the TWI is given in “SPI
Timing Characteristics” on page 363. Two different sets of specifications are presented there, one relevant for bus
speeds below 100kHz, and one valid for bus speeds up to 400kHz.
24.3 Data Transfer and Frame Format
24.3.1
Transferring Bits
Each data bit transferred on the TWI bus is accompanied by a pulse on the clock line. The level of the data line
must be stable when the clock line is high. The only exception to this rule is for generating start and stop
conditions.
Figure 24-2. Data Validity
24.3.2
START and STOP Conditions
The Master initiates and terminates a data transmission. The transmission is initiated when the Master issues a
START condition on the bus, and it is terminated when the Master issues a STOP condition. Between a START
and a STOP condition, the bus is considered busy, and no other master should try to seize control of the bus. A
special case occurs when a new START condition is issued between a START and STOP condition. This is
referred to as a REPEATED START condition, and is used when the Master wishes to initiate a new transfer with-
out relinquishing control of the bus. After a REPEATED START, the bus is considered busy until the next STOP.
This is identical to the START behavior, and therefore START is used to describe both START and REPEATED
START for the remainder of this datasheet, unless otherwise noted. As depicted below, START and STOP condi-
tions are signalled by changing the level of the SDA line when the SCL line is high.
SDA
SCL
Data Stable
Data Stable
Data Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com