Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 265 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 265 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 261Page - Microchip Technology ATMEGA640 Datasheet HTML 262Page - Microchip Technology ATMEGA640 Datasheet HTML 263Page - Microchip Technology ATMEGA640 Datasheet HTML 264Page - Microchip Technology ATMEGA640 Datasheet HTML 265Page - Microchip Technology ATMEGA640 Datasheet HTML 266Page - Microchip Technology ATMEGA640 Datasheet HTML 267Page - Microchip Technology ATMEGA640 Datasheet HTML 268Page - Microchip Technology ATMEGA640 Datasheet HTML 269Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 436 page
background image
265
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
25. AC – Analog Comparator
The Analog Comparator compares the input values on the positive pin AIN0 and negative pin AIN1. When the volt-
age on the positive pin AIN0 is higher than the voltage on the negative pin AIN1, the Analog Comparator output,
ACO, is set. The comparator’s output can be set to trigger the Timer/Counter1 Input Capture function. In addition,
the comparator can trigger a separate interrupt, exclusive to the Analog Comparator. The user can select Interrupt
triggering on comparator output rise, fall or toggle. A block diagram of the comparator and its surrounding logic is
shown in Figure 25-1.
The Power Reduction ADC bit, PRADC, in “PRR0 – Power Reduction Register 0” on page 55 must be disabled by
writing a logical zero to be able to use the ADC input MUX.
Figure 25-1. Analog Comparator Block Diagram(2)
Note:
1. See Table 25-1.
2. Refer to Figure 1-1 on page 2 and Table 13-5 on page 76 for Analog Comparator pin placement.
25.1 Analog Comparator Multiplexed Input
It is possible to select any of the ADC15:0 pins to replace the negative input to the Analog Comparator. The ADC
multiplexer is used to select this input, and consequently, the ADC must be switched off to utilize this feature. If the
Analog Comparator Multiplexer Enable bit (ACME in ADCSRB) is set and the ADC is switched off (ADEN in
ADCSRA is zero), MUX5 and MUX2:0 in ADMUX select the input pin to replace the negative input to the Analog
Comparator, as shown in Table 25-1. If ACME is cleared or ADEN is set, AIN1 is applied to the negative input to
the Analog Comparator.
ACBG
BANDGAP
REFERENCE
ADC MULTIPLEXER
OUTPUT
ACME
ADEN
(1)
Table 25-1.
Analog Comparator Mulitiplexed Input
ACME
ADEN
MUX5
MUX2:0
Analog Comparator Negative Input
0
x
x
xxx
AIN1
1
1
x
xxx
AIN1
100
000
ADC0
100
001
ADC1
100
010
ADC2
100
011
ADC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com