Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 268 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 268 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 264Page - Microchip Technology ATMEGA640 Datasheet HTML 265Page - Microchip Technology ATMEGA640 Datasheet HTML 266Page - Microchip Technology ATMEGA640 Datasheet HTML 267Page - Microchip Technology ATMEGA640 Datasheet HTML 268Page - Microchip Technology ATMEGA640 Datasheet HTML 269Page - Microchip Technology ATMEGA640 Datasheet HTML 270Page - Microchip Technology ATMEGA640 Datasheet HTML 271Page - Microchip Technology ATMEGA640 Datasheet HTML 272Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 436 page
background image
268
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
26. ADC – Analog to Digital Converter
26.1 Features
• 10-bit Resolution
• 1 LSB Integral Non-linearity
• ±2 LSB Absolute Accuracy
• 13µs - 260µs Conversion Time
• Up to 76.9kSPS (Up to 15kSPS at Maximum Resolution)
• 16 Multiplexed Single Ended Input Channels
• 14 Differential input channels
• 4 Differential Input Channels with Optional Gain of 10× and 200×
• Optional Left Adjustment for ADC Result Readout
• 0V - VCC ADC Input Voltage Range
• 2.7V - V
CC Differential ADC Voltage Range
• Selectable 2.56V or 1.1V ADC Reference Voltage
• Free Running or Single Conversion Mode
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Canceler
The ATmega640/1280/1281/2560/2561 features a 10-bit successive approximation ADC. The ADC is connected to
an 8/16-channel Analog Multiplexer which allows eight/sixteen single-ended voltage inputs constructed from the
pins of Port F and Port K. The single-ended voltage inputs refer to 0V (GND).
The device also supports 16/32 differential voltage input combinations. Four of the differential inputs (ADC1 &
ADC0, ADC3 & ADC2, ADC9 & ADC8 and ADC11 & ADC10) are equipped with a programmable gain stage, pro-
viding amplification steps of 0 dB (1×), 20 dB (10×) or 46 dB (200×) on the differential input voltage before the ADC
conversion. The 16 channels are split in two sections of 8 channels where in each section seven differential analog
input channels share a common negative terminal (ADC1/ADC9), while any other ADC input in that section can be
selected as the positive input terminal. If 1× or 10× gain is used, 8 bit resolution can be expected. If 200× gain is
used, 7 bit resolution can be expected.
The ADC contains a Sample and Hold circuit which ensures that the input voltage to the ADC is held at a constant
level during conversion. A block diagram of the ADC is shown in Figure 26-1 on page 269.
The ADC has a separate analog supply voltage pin, AVCC. AVCC must not differ more than ±0.3V from VCC. See
the paragraph “ADC Noise Canceler” on page 275 on how to connect this pin.
Internal reference voltages of nominally 1.1V, 2.56V or AVCC are provided On-chip. The voltage reference may be
externally decoupled at the AREF pin by a capacitor for better noise performance.
The Power Reduction ADC bit, PRADC, in “PRR0 – Power Reduction Register 0” on page 55 must be disabled by
writing a logical zero to enable the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com