Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 277 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 277 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 273Page - Microchip Technology ATMEGA640 Datasheet HTML 274Page - Microchip Technology ATMEGA640 Datasheet HTML 275Page - Microchip Technology ATMEGA640 Datasheet HTML 276Page - Microchip Technology ATMEGA640 Datasheet HTML 277Page - Microchip Technology ATMEGA640 Datasheet HTML 278Page - Microchip Technology ATMEGA640 Datasheet HTML 279Page - Microchip Technology ATMEGA640 Datasheet HTML 280Page - Microchip Technology ATMEGA640 Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 436 page
background image
277
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Figure 26-10. ADC Power Connections, ATmega640/1280/2560
26.6.3
Offset Compensation Schemes
The stage has a built-in offset cancellation circuitry that nulls the offset of differential measurements as much as
possible. The remaining offset in the analog path can be measured directly by selecting the same channel for both
differential inputs. This offset residue can be then subtracted in software from the measurement results. Using this
kind of software based offset correction, offset on any channel can be reduced below one LSB.
26.6.4
ADC Accuracy Definitions
An n-bit single-ended ADC converts a voltage linearly between GND and VREF in 2
n steps (LSBs). The lowest code
is read as 0, and the highest code is read as 2n-1.
Several parameters describe the deviation from the ideal behavior:
•
Offset: The deviation of the first transition (0x000 to 0x001) compared to the ideal transition (at 0.5 LSB). Ideal
value: 0 LSB.
100nF
Ground Plane
100
10
μΗ
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
PJ7
VCC
GND
(ADC15/PCINT23) PK7
(ADC14/PCINT22) PK6
(ADC13/PCINT21) PK5
(ADC12/PCINT20) PK4
(ADC11/PCINT19) PK3
(ADC10/PCINT18) PK2
(ADC9/PCINT17) PK1
(ADC8/PCINT16) PK0
(ADC7/TDI) PF7
(ADC6/TDO) PF6
(ADC5/TMS) PF5
(ADC4/TCK) PF4
(ADC3) PF3
(ADC2) PF2
(ADC1) PF1
(ADC0) PF0
AREF
GND
AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com