Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 281 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 281 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 277Page - Microchip Technology ATMEGA640 Datasheet HTML 278Page - Microchip Technology ATMEGA640 Datasheet HTML 279Page - Microchip Technology ATMEGA640 Datasheet HTML 280Page - Microchip Technology ATMEGA640 Datasheet HTML 281Page - Microchip Technology ATMEGA640 Datasheet HTML 282Page - Microchip Technology ATMEGA640 Datasheet HTML 283Page - Microchip Technology ATMEGA640 Datasheet HTML 284Page - Microchip Technology ATMEGA640 Datasheet HTML 285Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 436 page
background image
281
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Example:
ADMUX = 0xFB (ADC3 - ADC2, 10× gain, 2.56V reference, left adjusted result).
Voltage on ADC3 is 300mV, voltage on ADC2 is 500mV.
ADCR = 512 × 10 × (300 - 500) / 2560 = -400 = 0x270.
ADCL will thus read 0x00, and ADCH will read 0x9C. Writing zero to ADLAR right adjusts the result: ADCL = 0x70,
ADCH = 0x02.
26.8 Register Description
26.8.1
ADMUX – ADC Multiplexer Selection Register
• Bit 7:6 – REFS1:0: Reference Selection Bits
These bits select the voltage reference for the ADC, as shown in Table 26-3. If these bits are changed during a
conversion, the change will not go in effect until this conversion is complete (ADIF in ADCSRA is set). The internal
voltage reference options may not be used if an external reference voltage is being applied to the AREF pin.
Note:
1. If 10x or 200x gain is selected, only 2.56V should be used as Internal Voltage Reference. For differential conver-
sion, only 1.1V cannot be used as internal voltage reference.
Table 26-2.
Correlation Between Input Voltage and Output Codes
VADCn
Read Code
Corresponding Decimal Value
VADCm + VREF / GAIN
0x1FF
511
VADCm + 0.999 VREF / GAIN
0x1FF
511
VADCm + 0.998 VREF / GAIN
0x1FE
510
...
...
...
VADCm + 0.001 VREF / GAIN
0x001
1
VADCm
0x000
0
VADCm - 0.001 VREF / GAIN
0x3FF
-1
...
...
...
VADCm - 0.999 VREF / GAIN
0x201
-511
VADCm - VREF / GAIN
0x200
-512
Bit
7
654
321
0
(0x7C)
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
ADMUX
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 26-3.
Voltage Reference Selections for ADC
REFS1
REFS0
Voltage Reference Selection(1)
0
0
AREF, Internal VREF turned off
0
1
AVCC with external capacitor at AREF pin
1
0
Internal 1.1V Voltage Reference with external capacitor at AREF pin
1
1
Internal 2.56V Voltage Reference with external capacitor at AREF pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com