Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 283 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 283 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 279Page - Microchip Technology ATMEGA640 Datasheet HTML 280Page - Microchip Technology ATMEGA640 Datasheet HTML 281Page - Microchip Technology ATMEGA640 Datasheet HTML 282Page - Microchip Technology ATMEGA640 Datasheet HTML 283Page - Microchip Technology ATMEGA640 Datasheet HTML 284Page - Microchip Technology ATMEGA640 Datasheet HTML 285Page - Microchip Technology ATMEGA640 Datasheet HTML 286Page - Microchip Technology ATMEGA640 Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 436 page
background image
283
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
001000(1)
N/A
ADC0
ADC0
10×
001001(1)
ADC1
ADC0
10×
001010(1)
ADC0
ADC0
200×
001011(1)
ADC1
ADC0
200×
001100(1)
ADC2
ADC2
10×
001101(1)
ADC3
ADC2
10×
001110(1)
ADC2
ADC2
200×
001111(1)
ADC3
ADC2
200×
010000
ADC0
ADC1
1×
010001
ADC1
ADC1
1×
010010
ADC2
ADC1
1×
010011
ADC3
ADC1
1×
010100
ADC4
ADC1
1×
010101
ADC5
ADC1
1×
010110
ADC6
ADC1
1×
010111
ADC7
ADC1
1×
011000
ADC0
ADC2
1×
011001
ADC1
ADC2
1×
011010
N/A
ADC2
ADC2
1×
011011
ADC3
ADC2
1×
011100
ADC4
ADC2
1×
011101
ADC5
ADC2
1×
011110
1.1V (VBG)
N/A
011111
0V (GND)
100000
ADC8
N/A
100001
ADC9
100010
ADC10
100011
ADC11
100100
ADC12
100101
ADC13
100110
ADC14
100111
ADC15
Table 26-4.
Input Channel Selections (Continued)
MUX5:0
Single Ended Input
Positive Differential Input
Negative Differential Input
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com