Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 282 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 282 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 278Page - Microchip Technology ATMEGA640 Datasheet HTML 279Page - Microchip Technology ATMEGA640 Datasheet HTML 280Page - Microchip Technology ATMEGA640 Datasheet HTML 281Page - Microchip Technology ATMEGA640 Datasheet HTML 282Page - Microchip Technology ATMEGA640 Datasheet HTML 283Page - Microchip Technology ATMEGA640 Datasheet HTML 284Page - Microchip Technology ATMEGA640 Datasheet HTML 285Page - Microchip Technology ATMEGA640 Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 436 page
background image
282
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
• Bit 5 – ADLAR: ADC Left Adjust Result
The ADLAR bit affects the presentation of the ADC conversion result in the ADC Data Register. Write one to
ADLAR to left adjust the result. Otherwise, the result is right adjusted. Changing the ADLAR bit will affect the ADC
Data Register immediately, regardless of any ongoing conversions. For a complete description of this bit, see
“ADCL and ADCH – The ADC Data Register” on page 286.
• Bits 4:0 – MUX4:0: Analog Channel and Gain Selection Bits
The value of these bits selects which combination of analog inputs are connected to the ADC. See Table 26-4 for
details. If these bits are changed during a conversion, the change will not go in effect until this conversion is
complete (ADIF in ADCSRA is set).
26.8.2
ADCSRB – ADC Control and Status Register B
• Bit 3 – MUX5: Analog Channel and Gain Selection Bit
This bit is used together with MUX4:0 in ADMUX to select which combination in of analog inputs are connected to
the ADC. See Table 26-4 for details. If this bit is changed during a conversion, the change will not go in effect until
this conversion is complete.
This bit is not valid for ATmega1281/2561.
Bit
76543210
(0x7B)
–
ACME
–
–MUX5
ADTS2
ADTS1
ADTS0
ADCSRB
Read/Write
R
R/W
R
R
R/W
R/W
R/W
R/W
Initial Value
00000000
Table 26-4.
Input Channel Selections
MUX5:0
Single Ended Input
Positive Differential Input
Negative Differential Input
Gain
000000
ADC0
N/A
000001
ADC1
000010
ADC2
000011
ADC3
000100
ADC4
000101
ADC5
000110
ADC6
000111
ADC7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com