Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 287 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 287 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 283Page - Microchip Technology ATMEGA640 Datasheet HTML 284Page - Microchip Technology ATMEGA640 Datasheet HTML 285Page - Microchip Technology ATMEGA640 Datasheet HTML 286Page - Microchip Technology ATMEGA640 Datasheet HTML 287Page - Microchip Technology ATMEGA640 Datasheet HTML 288Page - Microchip Technology ATMEGA640 Datasheet HTML 289Page - Microchip Technology ATMEGA640 Datasheet HTML 290Page - Microchip Technology ATMEGA640 Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 436 page
background image
287
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
26.8.5
ADCSRB – ADC Control and Status Register B
• Bit 7 – Res: Reserved Bit
This bit is reserved for future use. To ensure compatibility with future devices, this bit must be written to zero when
ADCSRB is written.
• Bit 2:0 – ADTS2:0: ADC Auto Trigger Source
If ADATE in ADCSRA is written to one, the value of these bits selects which source will trigger an ADC conversion.
If ADATE is cleared, the ADTS2:0 settings will have no effect. A conversion will be triggered by the rising edge of
the selected Interrupt Flag. Note that switching from a trigger source that is cleared to a trigger source that is set,
will generate a positive edge on the trigger signal. If ADEN in ADCSRA is set, this will start a conversion. Switching
to Free Running mode (ADTS[2:0]=0) will not cause a trigger event, even if the ADC Interrupt Flag is set
.
Note:
Free running mode cannot be used for differential channels (see chapter “Differential Channels” on page 273).
26.8.6
DIDR0 – Digital Input Disable Register 0
• Bit 7:0 – ADC7D:ADC0D: ADC7:0 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding ADC pin is disabled. The corre-
sponding PIN Register bit will always read as zero when this bit is set. When an analog signal is applied to the
ADC7:0 pin and the digital input from this pin is not needed, this bit should be written logic one to reduce power
consumption in the digital input buffer.
Bit
76543210
(0x7B)
–
ACME
–
–
MUX5
ADTS2
ADTS1
ADTS0
ADCSRB
Read/Write
R
R/W
R
R
R/W
R/W
R/W
R/W
Initial Value
00000000
Table 26-6.
ADC Auto Trigger Source Selections
ADTS2
ADTS1
ADTS0
Trigger Source
0
0
0
Free Running mode
0
0
1
Analog Comparator
0
1
0
External Interrupt Request 0
0
1
1
Timer/Counter0 Compare Match A
1
0
0
Timer/Counter0 Overflow
1
0
1
Timer/Counter1 Compare Match B
1
1
0
Timer/Counter1 Overflow
1
1
1
Timer/Counter1 Capture Event
Bit
765
4321
0
(0x7E)
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
DIDR0
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com