Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 314 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 314 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 310Page - Microchip Technology ATMEGA640 Datasheet HTML 311Page - Microchip Technology ATMEGA640 Datasheet HTML 312Page - Microchip Technology ATMEGA640 Datasheet HTML 313Page - Microchip Technology ATMEGA640 Datasheet HTML 314Page - Microchip Technology ATMEGA640 Datasheet HTML 315Page - Microchip Technology ATMEGA640 Datasheet HTML 316Page - Microchip Technology ATMEGA640 Datasheet HTML 317Page - Microchip Technology ATMEGA640 Datasheet HTML 318Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 436 page
background image
314
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
29.5 Addressing the Flash During Self-Programming
The Z-pointer is used to address the SPM commands. The Z pointer consists of the Z-registers ZL and ZH in the
register file, and RAMPZ in the I/O space. The number of bits actually used is implementation dependent. Note that
the RAMPZ register is only implemented when the program space is larger than 64Kbytes.
Since the Flash is organized in pages (see Table 30-7 on page 328), the Program Counter can be treated as hav-
ing two different sections. One section, consisting of the least significant bits, is addressing the words within a
page, while the most significant bits are addressing the pages. This is shown in Figure 29-3. Note that the Page
Erase and Page Write operations are addressed independently. Therefore it is of major importance that the Boot
Loader software addresses the same page in both the Page Erase and Page Write operation. Once a program-
ming operation is initiated, the address is latched and the Z-pointer can be used for other operations.
The (E)LPM instruction use the Z-pointer to store the address. Since this instruction addresses the Flash byte-by-
byte, also bit Z0 of the Z-pointer is used.
Figure 29-3. Addressing the Flash During SPM(1)
Note:
1. The different variables used in Figure 29-3 are listed in Table 29-9 on page 320.
Bit
23222120
19181716
15
14
13
12
11
10
9
8
RAMPZ
RAMPZ7
RAMPZ6
RAMPZ5
RAMPZ4
RAMPZ3
RAMPZ2
RAMPZ1
RAMPZ0
ZH (R31)
Z15
Z14
Z13
Z12
Z11
Z10
Z9
Z8
ZL (R30)
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
7
6543
210
PROGRAM MEMORY
0
1
15
Z - REGISTER
BIT
0
ZPAGEMSB
WORD ADDRESS
WITHIN A PAGE
PAGE ADDRESS
WITHIN THE FLASH
ZPCMSB
INSTRUCTION WORD
PAGE
PCWORD[PAGEMSB:0]:
00
01
02
PAGEEND
PAGE
PCWORD
PCPAGE
PCMSB
PAGEMSB
PROGRAM
COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com