Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 317 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 317 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 313Page - Microchip Technology ATMEGA640 Datasheet HTML 314Page - Microchip Technology ATMEGA640 Datasheet HTML 315Page - Microchip Technology ATMEGA640 Datasheet HTML 316Page - Microchip Technology ATMEGA640 Datasheet HTML 317Page - Microchip Technology ATMEGA640 Datasheet HTML 318Page - Microchip Technology ATMEGA640 Datasheet HTML 319Page - Microchip Technology ATMEGA640 Datasheet HTML 320Page - Microchip Technology ATMEGA640 Datasheet HTML 321Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 436 page
background image
317
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
The algorithm for reading the Fuse Low byte is similar to the one described above for reading the Lock bits. To
read the Fuse Low byte, load the Z-pointer with 0x0000 and set the BLBSET and SPMEN bits in SPMCSR. When
an (E)LPM instruction is executed within three cycles after the BLBSET and SPMEN bits are set in the SPMCSR,
the value of the Fuse Low byte (FLB) will be loaded in the destination register as shown below. Refer to Table 30-
5 on page 327 for a detailed description and mapping of the Fuse Low byte.
Similarly, when reading the Fuse High byte, load 0x0003 in the Z-pointer. When an (E)LPM instruction is executed
within three cycles after the BLBSET and SPMEN bits are set in the SPMCSR, the value of the Fuse High byte
(FHB) will be loaded in the destination register as shown below. Refer to Table 30-4 on page 327 for detailed
description and mapping of the Fuse High byte.
When reading the Extended Fuse byte, load 0x0002 in the Z-pointer. When an (E)LPM instruction is executed
within three cycles after the BLBSET and SPMEN bits are set in the SPMCSR, the value of the Extended Fuse
byte (EFB) will be loaded in the destination register as shown below. Refer to Table 30-3 on page 326 for detailed
description and mapping of the Extended Fuse byte.
Fuse and Lock bits that are programmed, will be read as zero. Fuse and Lock bits that are unprogrammed, will be
read as one.
29.6.10
Reading the Signature Row from Software
To read the Signature Row from software, load the Z-pointer with the signature byte address given in Table 29-5
on page 317 and set the SIGRD and SPMEN bits in SPMCSR. When an LPM instruction is executed within three
CPU cycles after the SIGRD and SPMEN bits are set in SPMCSR, the signature byte value will be loaded in the
destination register. The SIGRD and SPMEN bits will auto-clear upon completion of reading the Signature Row
Lock bits or if no LPM instruction is executed within three CPU cycles. When SIGRD and SPMEN are cleared, LPM
will work as described in the Instruction set Manual.
Note:
All other addresses are reserved for future use.
29.6.11
Preventing Flash Corruption
During periods of low VCC, the Flash program can be corrupted because the supply voltage is too low for the CPU
and the Flash to operate properly. These issues are the same as for board level systems using the Flash, and the
same design solutions should be applied.
A Flash program corruption can be caused by two situations when the voltage is too low. First, a regular write
sequence to the Flash requires a minimum voltage to operate correctly. Secondly, the CPU itself can execute
instructions incorrectly, if the supply voltage for executing instructions is too low.
Bit
7
6
543
21
0
Rd
FLB7
FLB6
FLB5
FLB4
FLB3
FLB2
FLB1
FLB0
Bit
7
6
543
21
0
Rd
FHB7
FHB6
FHB5
FHB4
FHB3
FHB2
FHB1
FHB0
Bit
7
6
543
21
0
Rd
––
–––
EFB2
EFB1
EFB0
Table 29-5.
Signature Row Addressing
Signature Byte
Z-Pointer Address
Device Signature Byte 1
0x0000
Device Signature Byte 2
0x0002
Device Signature Byte 3
0x0004
RC Oscillator Calibration Byte
0x0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com