Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 338 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 338 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 334Page - Microchip Technology ATMEGA640 Datasheet HTML 335Page - Microchip Technology ATMEGA640 Datasheet HTML 336Page - Microchip Technology ATMEGA640 Datasheet HTML 337Page - Microchip Technology ATMEGA640 Datasheet HTML 338Page - Microchip Technology ATMEGA640 Datasheet HTML 339Page - Microchip Technology ATMEGA640 Datasheet HTML 340Page - Microchip Technology ATMEGA640 Datasheet HTML 341Page - Microchip Technology ATMEGA640 Datasheet HTML 342Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 436 page
background image
338
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Notes: 1. tWLRH is valid for the Write Flash, Write EEPROM, Write Fuse bits and Write Lock bits commands.
2. tWLRH_CE is valid for the Chip Erase command.
30.8 Serial Downloading
Both the Flash and EEPROM memory arrays can be programmed using a serial programming bus while RESET is
pulled to GND. The serial programming interface consists of pins SCK, PDI (input) and PDO (output). After RESET
is set low, the Programming Enable instruction needs to be executed first before program/erase operations can be
executed. NOTE, in Table 30-15 on page 339, the pin mapping for serial programming is listed. Not all packages
use the SPI pins dedicated for the internal Serial Peripheral Interface - SPI.
Table 30-14. Parallel Programming Characteristics, VCC = 5V ±10%
Symbol
Parameter
Min
Typ
Max
Units
VPP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
250
A
tDVXH
Data and Control Valid before XTAL1 High
67
ns
tXLXH
XTAL1 Low to XTAL1 High
200
tXHXL
XTAL1 Pulse Width High
150
tXLDX
Data and Control Hold after XTAL1 Low
67
tXLWL
XTAL1 Low to WR Low
0
tXLPH
XTAL1 Low to PAGEL high
0
tPLXH
PAGEL low to XTAL1 high
150
tBVPH
BS1 Valid before PAGEL High
67
tPHPL
PAGEL Pulse Width High
150
tPLBX
BS1 Hold after PAGEL Low
67
tWLBX
BS2/1 Hold after WR Low
67
tPLWL
PAGEL Low to WR Low
67
tBVWL
BS2/1 Valid to WR Low
67
tWLWH
WR Pulse Width Low
150
tWLRL
WR Low to RDY/BSY Low
0
1
s
tWLRH
WR Low to RDY/BSY High(1)
3.7
4.5
ms
tWLRH_CE
WR Low to RDY/BSY High for Chip Erase(2)
7.5
9
tXLOL
XTAL1 Low to OE Low
0
ns
tBVDV
BS1 Valid to DATA valid
0
250
tOLDV
OE Low to DATA Valid
250
tOHDZ
OE High to DATA Tri-stated
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com