Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 339 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 339 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 335Page - Microchip Technology ATMEGA640 Datasheet HTML 336Page - Microchip Technology ATMEGA640 Datasheet HTML 337Page - Microchip Technology ATMEGA640 Datasheet HTML 338Page - Microchip Technology ATMEGA640 Datasheet HTML 339Page - Microchip Technology ATMEGA640 Datasheet HTML 340Page - Microchip Technology ATMEGA640 Datasheet HTML 341Page - Microchip Technology ATMEGA640 Datasheet HTML 342Page - Microchip Technology ATMEGA640 Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 436 page
background image
339
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
30.8.1
Serial Programming Pin Mapping
Figure 30-10. Serial Programming and Verify(1)
Notes: 1. If the device is clocked by the internal Oscillator, it is no need to connect a clock source to the XTAL1 pin.
2. VCC - 0.3V < AVCC < VCC + 0.3V, however, AVCC should always be within 1.8V - 5.5V.When programming the
EEPROM, an auto-erase cycle is built into the self-timed programming operation (in the Serial mode ONLY) and
there is no need to first execute the Chip Erase instruction. The Chip Erase operation turns the content of every
memory location in both the Program and EEPROM arrays into 0xFF.
Depending on CKSEL Fuses, a valid clock must be present. The minimum low and high periods for the serial clock
(SCK) input are defined as follows:
Low: > 2 CPU clock cycles for fck < 12MHz, 3 CPU clock cycles for fck >= 12MHz
High: > 2 CPU clock cycles for fck < 12MHz, 3 CPU clock cycles for fck >= 12MHz
30.8.2
Serial Programming Algorithm
When writing serial data to the ATmega640/1280/1281/2560/2561, data is clocked on the rising edge of SCK.
When reading data from the ATmega640/1280/1281/2560/2561, data is clocked on the falling edge of SCK. See
Figure 30-12 on page 342 for timing details.
To program and verify the ATmega640/1280/1281/2560/2561 in the serial programming mode, the following
sequence is recommended (see four byte instruction formats in Table 30-17 on page 340):
1. Power-up sequence:
Apply power between VCC and GND while RESET and SCK are set to “0”. In some systems, the program-
mer can not guarantee that SCK is held low during power-up. In this case, RESET must be given a positive
pulse of at least two CPU clock cycles duration after SCK has been set to “0”.
2. Wait for at least 20ms and enable serial programming by sending the Programming Enable serial instruc-
tion to pin PDI.
Table 30-15. Pin Mapping Serial Programming
Symbol
Pins (TQFP-100)
Pins (TQFP-64)
I/O
Description
PDI
PB2
PE0
I
Serial Data in
PDO
PB3
PE1
O
Serial Data out
SCK
PB1
PB1
I
Serial Clock
VCC
GND
XT AL1
SCK
PDO
PDI
RESET
+1.8V - 5.5V
AVCC
+1.8V - 5.5V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com