Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 351 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 351 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 347Page - Microchip Technology ATMEGA640 Datasheet HTML 348Page - Microchip Technology ATMEGA640 Datasheet HTML 349Page - Microchip Technology ATMEGA640 Datasheet HTML 350Page - Microchip Technology ATMEGA640 Datasheet HTML 351Page - Microchip Technology ATMEGA640 Datasheet HTML 352Page - Microchip Technology ATMEGA640 Datasheet HTML 353Page - Microchip Technology ATMEGA640 Datasheet HTML 354Page - Microchip Technology ATMEGA640 Datasheet HTML 355Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 436 page
background image
351
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Figure 30-17. Flash Data Byte Register
The state machine controlling the Flash Data Byte Register is clocked by TCK. During normal operation in which
eight bits are shifted for each Flash byte, the clock cycles needed to navigate through the TAP controller automati-
cally feeds the state machine for the Flash Data Byte Register with sufficient number of clock pulses to complete its
operation transparently for the user. However, if too few bits are shifted between each Update-DR state during
page load, the TAP controller should stay in the Run-Test/Idle state for some TCK cycles to ensure that there are
at least 11 TCK cycles between each Update-DR state.
30.9.12
Programming Algorithm
All references below of type “1a”, “1b”, and so on, refer to Table 30-18 on page 347.
30.9.13
Entering Programming Mode
1. Enter JTAG instruction AVR_RESET and shift 1 in the Reset Register.
2. Enter instruction PROG_ENABLE and shift 0b1010_0011_0111_0000 in the Programming Enable Register.
30.9.14
Leaving Programming Mode
1. Enter JTAG instruction PROG_COMMANDS.
2. Disable all programming instructions by using no operation instruction 11a.
3. Enter instruction PROG_ENABLE and shift 0b0000_0000_0000_0000 in the programming Enable
Register.
4. Enter JTAG instruction AVR_RESET and shift 0 in the Reset Register.
30.9.15
Performing Chip Erase
1. Enter JTAG instruction PROG_COMMANDS.
2. Start Chip Erase using programming instruction 1a.
3. Poll for Chip Erase complete using programming instruction 1b, or wait for tWLRH_CE (refer to Table 30-14 on
page 338).
TDI
TDO
D
A
T
A
Flash
EEPROM
Fuses
Lock Bits
STROBES
ADDRESS
State
Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com