Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 355 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 355 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 351Page - Microchip Technology ATMEGA640 Datasheet HTML 352Page - Microchip Technology ATMEGA640 Datasheet HTML 353Page - Microchip Technology ATMEGA640 Datasheet HTML 354Page - Microchip Technology ATMEGA640 Datasheet HTML 355Page - Microchip Technology ATMEGA640 Datasheet HTML 356Page - Microchip Technology ATMEGA640 Datasheet HTML 357Page - Microchip Technology ATMEGA640 Datasheet HTML 358Page - Microchip Technology ATMEGA640 Datasheet HTML 359Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 436 page
background image
355
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
31. Electrical Characteristics
Absolute Maximum Ratings*
31.1 DC Characteristics
Operating Temperature.................................. -55
C to +125C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ................................................ 40.0mA
DC Current
VCC and GND Pins................................. 200.0mA
TA = -40C to 85C, VCC = 1.8V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input Low Voltage,
Except XTAL1 and Reset
pin
VCC = 1.8V - 2.4V
VCC = 2.4V - 5.5V
-0.5
-0.5
0.2VCC(1)
0.3VCC
(1)
V
VIL1
Input Low Voltage,
XTAL1 pin
VCC = 1.8V - 5.5V
-0.5
0.1VCC(1)
VIL2
Input Low Voltage,
RESET pin
VCC = 1.8V - 5.5V
-0.5
0.1VCC(1)
VIH
Input High Voltage,
Except XTAL1 and
RESET pins
VCC = 1.8V - 2.4V
VCC = 2.4V - 5.5V
0.7VCC
(2)
0.6VCC(2)
VCC + 0.5
VCC + 0.5
VIH1
Input High Voltage,
XTAL1 pin
VCC = 1.8V - 2.4V
VCC = 2.4V - 5.5V
0.8VCC(2)
0.7VCC
(2)
VCC + 0.5
VCC + 0.5
VIH2
Input High Voltage,
RESET pin
VCC = 1.8V - 5.5V
0.9VCC
(2)
VCC + 0.5
VOL
Output Low Voltage(3),
Except RESET pin
IOL = 20mA, VCC = 5V
IOL = 10mA, VCC = 3V
0.9
0.6
VOH
Output High Voltage(4),
Except RESET pin
IOH = -20mA, VCC = 5V
IOH = -10mA, VCC = 3V
4.2
2.3
IIL
Input Leakage
Current I/O Pin
VCC = 5.5V, pin low
(absolute value)
1
µA
IIH
Input Leakage
Current I/O Pin
VCC = 5.5V, pin high
(absolute value)
1
RRST
Reset Pull-up Resistor
30
60
k
RPU
I/O Pin Pull-up Resistor
20
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com