Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 359 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 359 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 355Page - Microchip Technology ATMEGA640 Datasheet HTML 356Page - Microchip Technology ATMEGA640 Datasheet HTML 357Page - Microchip Technology ATMEGA640 Datasheet HTML 358Page - Microchip Technology ATMEGA640 Datasheet HTML 359Page - Microchip Technology ATMEGA640 Datasheet HTML 360Page - Microchip Technology ATMEGA640 Datasheet HTML 361Page - Microchip Technology ATMEGA640 Datasheet HTML 362Page - Microchip Technology ATMEGA640 Datasheet HTML 363Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 436 page
background image
359
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
31.3 Clock Characteristics
31.3.1
Calibrated Internal RC Oscillator Accuracy
Notes: 1. Voltage range for ATmega640V/1281V/1280V/2561V/2560V.
2. Voltage range for ATmega640/1281/1280/2561/2560.
31.3.2
External Clock Drive Waveforms
Figure 31-5. External Clock Drive Waveforms
31.4 External Clock Drive
Table 31-1.
Calibration Accuracy of Internal RC Oscillator
Frequency
VCC
Temperature
Calibration Accuracy
Factory Calibration
8.0MHz
3V
25
C±10%
User Calibration
7.3MHz - 8.1MHz
1.8V - 5.5V(1)
2.7V - 5.5V(2)
-40
C - 85C±1%
VIL1
VIH1
Table 31-2.
External Clock Drive
Symbol
Parameter
VCC = 1.8V - 5.5V
VCC = 2.7V - 5.5V
VCC = 4.5V - 5.5V
Units
Min.
Max.
Min.
Max.
Min.
Max.
1/tCLCL
Oscillator Frequency
0
2
0
8
0
16
MHz
tCLCL
Clock Period
500
125
62.5
ns
tCHCX
High Time
200
50
25
tCLCX
Low Time
200
50
25
tCLCH
Rise Time
2.0
1.6
0.5
s
tCHCL
Fall Time
2.0
1.6
0.5
t
CLCL
Change in period from one
clock cycle to the next
22
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com