Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 357 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 357 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 353Page - Microchip Technology ATMEGA640 Datasheet HTML 354Page - Microchip Technology ATMEGA640 Datasheet HTML 355Page - Microchip Technology ATMEGA640 Datasheet HTML 356Page - Microchip Technology ATMEGA640 Datasheet HTML 357Page - Microchip Technology ATMEGA640 Datasheet HTML 358Page - Microchip Technology ATMEGA640 Datasheet HTML 359Page - Microchip Technology ATMEGA640 Datasheet HTML 360Page - Microchip Technology ATMEGA640 Datasheet HTML 361Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 436 page
background image
357
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
If IOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
5. Values with “PRR1 – Power Reduction Register 1” on page 56 enabled (0xFF).
31.2 Speed Grades
Maximum frequency is depending on VCC. As shown in Figure 31-1 trough Figure 31-4 on page 358, the Maximum
Frequency vs. VCC curve is linear between 1.8V < VCC < 2.7V and between 2.7V < VCC < 4.5V.
31.2.1
8MHz
Figure 31-1. Maximum Frequency vs. VCC, ATmega640V/1280V/1281V/2560V/2561V
Figure 31-2. Maximum Frequency vs. VCC when also No-Read-While-Write Section
(1), ATmega2560V/ATme-
ga2561V, is used
Note:
1. When only using the Read-While-Write Section of the program memory, a higher speed can be achieved at low
voltage, see “Read-While-Write and No Read-While-Write Flash Sections” on page 310 for addresses.
8 MHz
4 MHz
1.8V
2.7V
5.5V
Safe Operating Area
8 MHz
2 MHz
1.8V
2.7V
5.5V
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com