Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 362 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 362 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 358Page - Microchip Technology ATMEGA640 Datasheet HTML 359Page - Microchip Technology ATMEGA640 Datasheet HTML 360Page - Microchip Technology ATMEGA640 Datasheet HTML 361Page - Microchip Technology ATMEGA640 Datasheet HTML 362Page - Microchip Technology ATMEGA640 Datasheet HTML 363Page - Microchip Technology ATMEGA640 Datasheet HTML 364Page - Microchip Technology ATMEGA640 Datasheet HTML 365Page - Microchip Technology ATMEGA640 Datasheet HTML 366Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 436 page
background image
362
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Note:
1. In ATmega640/1280/1281/2560/2561, this parameter is characterized and not 100% tested.
2. Required only for fSCL > 100kHz.
3. Cb = capacitance of one bus line in pF.
4. fCK = CPU clock frequency.
5. This requirement applies to all ATmega640/1280/1281/2560/2561 2-wire Serial Interface operation. Other devices
connected to the 2-wire Serial Bus need only obey the general fSCL requirement.
Table 31-7.
2-wire Serial Bus Requirements
Symbol
Parameter
Condition
Min.
Max.
Units
VIL
Input Low-voltage
-0.5
0.3 VCC
V
VIH
Input High-voltage
0.7 VCC
VCC + 0.5
Vhys
(1)
Hysteresis of Schmitt Trigger Inputs
0.05 VCC
(2)
–
VOL
(1)
Output Low-voltage
3mA sink current
0
0.4
tr
(1)
Rise Time for both SDA and SCL
20 +
0.1Cb(3)(2)
300
ns
tof
(1)
Output Fall Time from VIHmin to VILmax
10pF < Cb < 400pF(3)
20 +
0.1Cb
(3)(2)
250
tSP
(1)
Spikes Suppressed by Input Filter
0
50(2)
Ii
Input Current each I/O Pin
0.1VCC < Vi < 0.9VCC
-10
10
µA
Ci
(1)
Capacitance for each I/O Pin
–
10
pF
fSCL
SCL Clock Frequency
fCK(4) > max(16fSCL,
250kHz)(5)
0
400
kHz
Rp
Value of Pull-up resistor
fSCL  100kHz
fSCL > 100kHz
tHD;STA
Hold Time (repeated) START Condition
fSCL  100kHz
4.0
–
µs
fSCL > 100kHz
0.6
–
tLOW
Low Period of the SCL Clock
fSCL  100kHz
(6)
4.7
–
fSCL > 100kHz
(7)
1.3
–
tHIGH
High period of the SCL clock
fSCL  100kHz
4.0
–
fSCL > 100kHz
0.6
–
tSU;STA
Set-up time for a repeated START condition
fSCL  100kHz
4.7
–
fSCL > 100kHz
0.6
–
tHD;DAT
Data hold time
fSCL  100kHz
0
3.45
fSCL > 100kHz
0
0.9
tSU;DAT
Data setup time
fSCL  100kHz
250
–
fSCL > 100kHz
100
–
tSU;STO
Setup time for STOP condition
fSCL  100kHz
4.0
–
fSCL > 100kHz
0.6
–
tBUF
Bus free time between a STOP and START
condition
fSCL  100kHz
4.7
–
fSCL > 100kHz
1.3
–
VCC 0.4V
–
3mA
----------------------------
1000ns
Cb
-------------------
VCC 0.4V
–
3mA
----------------------------
300 ns
Cb
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com