Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 365 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 365 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 361Page - Microchip Technology ATMEGA640 Datasheet HTML 362Page - Microchip Technology ATMEGA640 Datasheet HTML 363Page - Microchip Technology ATMEGA640 Datasheet HTML 364Page - Microchip Technology ATMEGA640 Datasheet HTML 365Page - Microchip Technology ATMEGA640 Datasheet HTML 366Page - Microchip Technology ATMEGA640 Datasheet HTML 367Page - Microchip Technology ATMEGA640 Datasheet HTML 368Page - Microchip Technology ATMEGA640 Datasheet HTML 369Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 436 page
background image
365
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
31.8 ADC Characteristics – Preliminary Data
Note:
1. Values are guidelines only.
Table 31-9.
ADC Characteristics, Singel Ended Channels
Symbol
Parameter
Condition
Min. (1)
Typ. (1)
Max. (1)
Units
Resolution
Single Ended Conversion
10
Bits
Absolute accuracy (Including
INL, DNL, quantization error,
gain and offset error)
Single Ended Conversion
VREF = 4V, VCC = 4V,
CLKADC= 200kHz
2.25
2.5
LSB
Single Ended Conversion
VREF = 4V, VCC = 4V,
CLKADC = 1MHz
3
Single Ended Conversion
VREF = 4V, VCC = 4V,
CLKADC = 200kHz
Noise Reduction Mode
2
Single Ended Conversion
VREF = 4V, VCC = 4V,
CLKADC = 1MHz
Noise Reduction Mode
3
Integral Non-Linearity (INL)
Single Ended Conversion
VREF = 4V, VCC = 4V,
CLKADC = 200kHz
1.25
Differential Non-Linearity (DNL)
Single Ended Conversion
VREF = 4V, VCC = 4V,
CLKADC = 200kHz
0.5
Gain Error
Single Ended Conversion
VREF = 4V, VCC = 4V,
CLKADC= 200kHz
2
Offset Error
Single Ended Conversion
VREF = 4V, VCC = 4V,
CLKADC = 200kHz
-2
Conversion Time
Free Running Conversion
13
260
µs
Clock Frequency
Single Ended Conversion
50
1000
kHz
AVCC
Analog Supply Voltage
VCC - 0.3
VCC + 0.3
V
VREF
Reference Voltage
1.0
AVCC
VIN
Input Voltage
GND
VREF
Input Bandwidth
38,5
kHz
VINT1
Internal Voltage Reference
1.1V
1.0
1.1
1.2
V
VINT2
Internal Voltage Reference
2.56V
2.4
2.56
2.8
RREF
Reference Input Resistance
32
k
RAIN
Analog Input Resistance
100
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com