Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 405 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 405 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 401Page - Microchip Technology ATMEGA640 Datasheet HTML 402Page - Microchip Technology ATMEGA640 Datasheet HTML 403Page - Microchip Technology ATMEGA640 Datasheet HTML 404Page - Microchip Technology ATMEGA640 Datasheet HTML 405Page - Microchip Technology ATMEGA640 Datasheet HTML 406Page - Microchip Technology ATMEGA640 Datasheet HTML 407Page - Microchip Technology ATMEGA640 Datasheet HTML 408Page - Microchip Technology ATMEGA640 Datasheet HTML 409Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 436 page
background image
405
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
BRVC
k
Branch if Overflow Flag is Cleared
if (V = 0) then PC
 PC + k + 1
None
1/2
BRIE
k
Branch if Interrupt Enabled
if ( I = 1) then PC
 PC + k + 1
None
1/2
BRID
k
Branch if Interrupt Disabled
if ( I = 0) then PC
 PC + k + 1
None
1/2
BIT AND BIT-TEST INSTRUCTIONS
SBI
P,b
Set Bit in I/O Register
I/O(P,b)
 1None
2
CBI
P,b
Clear Bit in I/O Register
I/O(P,b)
 0None
2
LSL
Rd
Logical Shift Left
Rd(n+1)
 Rd(n), Rd(0)  0
Z, C, N, V
1
LSR
Rd
Logical Shift Right
Rd(n)
 Rd(n+1), Rd(7)  0
Z, C, N, V
1
ROL
Rd
Rotate Left Through Carry
Rd(0)
C,Rd(n+1) Rd(n),CRd(7)
Z, C, N, V
1
ROR
Rd
Rotate Right Through Carry
Rd(7)
C,Rd(n) Rd(n+1),CRd(0)
Z, C, N, V
1
ASR
Rd
Arithmetic Shift Right
Rd(n)
 Rd(n+1), n=0..6
Z, C, N, V
1
SWAP
Rd
Swap Nibbles
Rd(3..0)
Rd(7..4),Rd(7..4)Rd(3..0)
None
1
BSET
s
Flag Set
SREG(s)
 1
SREG(s)
1
BCLR
s
Flag Clear
SREG(s)
 0
SREG(s)
1
BST
Rr, b
Bit Store from Register to T
T
 Rr(b)
T
1
BLD
Rd, b
Bit load from T to Register
Rd(b)
 TNone
1
SEC
Set Carry
C
 1C
1
CLC
Clear Carry
C
 0
C
1
SEN
Set Negative Flag
N
 1N
1
CLN
Clear Negative Flag
N
 0
N
1
SEZ
Set Zero Flag
Z
 1Z
1
CLZ
Clear Zero Flag
Z
 0
Z
1
SEI
Global Interrupt Enable
I
 1I
1
CLI
Global Interrupt Disable
I
 0
I
1
SES
Set Signed Test Flag
S
 1S
1
CLS
Clear Signed Test Flag
S
 0
S
1
SEV
Set Twos Complement Overflow.
V
 1V
1
CLV
Clear Twos Complement Overflow
V
 0
V
1
SET
Set T in SREG
T
 1T
1
CLT
Clear T in SREG
T
 0
T
1
SEH
Set Half Carry Flag in SREG
H
 1H
1
CLH
Clear Half Carry Flag in SREG
H
 0
H
1
DATA TRANSFER INSTRUCTIONS
MOV
Rd, Rr
Move Between Registers
Rd
 Rr
None
1
MOVW
Rd, Rr
Copy Register Word
Rd+1:Rd
 Rr+1:Rr
None
1
LDI
Rd, K
Load Immediate
Rd
 KNone
1
LD
Rd, X
Load Indirect
Rd
 (X)
None
2
LD
Rd, X+
Load Indirect and Post-Inc.
Rd
 (X), X  X + 1
None
2
LD
Rd, - X
Load Indirect and Pre-Dec.
X
 X - 1, Rd  (X)
None
2
LD
Rd, Y
Load Indirect
Rd
 (Y)
None
2
LD
Rd, Y+
Load Indirect and Post-Inc.
Rd
 (Y), Y  Y + 1
None
2
LD
Rd, - Y
Load Indirect and Pre-Dec.
Y
 Y - 1, Rd  (Y)
None
2
LDD
Rd,Y+q
Load Indirect with Displacement
Rd
 (Y + q)
None
2
LD
Rd, Z
Load Indirect
Rd
 (Z)
None
2
LD
Rd, Z+
Load Indirect and Post-Inc.
Rd
 (Z), Z  Z+1
None
2
LD
Rd, -Z
Load Indirect and Pre-Dec.
Z
 Z - 1, Rd  (Z)
None
2
LDD
Rd, Z+q
Load Indirect with Displacement
Rd
 (Z + q)
None
2
LDS
Rd, k
Load Direct from SRAM
Rd
 (k)
None
2
ST
X, Rr
Store Indirect
(X)
 Rr
None
2
ST
X+, Rr
Store Indirect and Post-Inc.
(X)
 Rr, X  X + 1
None
2
ST
- X, Rr
Store Indirect and Pre-Dec.
X
 X - 1, (X)  Rr
None
2
ST
Y, Rr
Store Indirect
(Y)
 Rr
None
2
ST
Y+, Rr
Store Indirect and Post-Inc.
(Y)
 Rr, Y  Y + 1
None
2
ST
- Y, Rr
Store Indirect and Pre-Dec.
Y
 Y - 1, (Y)  Rr
None
2
STD
Y+q,Rr
Store Indirect with Displacement
(Y + q)
 Rr
None
2
ST
Z, Rr
Store Indirect
(Z)
 Rr
None
2
ST
Z+, Rr
Store Indirect and Post-Inc.
(Z)
 Rr, Z  Z + 1
None
2
ST
-Z, Rr
Store Indirect and Pre-Dec.
Z
 Z - 1, (Z)  Rr
None
2
STD
Z+q,Rr
Store Indirect with Displacement
(Z + q)
 Rr
None
2
STS
k, Rr
Store Direct to SRAM
(k)
 Rr
None
2
LPM
Load Program Memory
R0
 (Z)
None
3
LPM
Rd, Z
Load Program Memory
Rd
 (Z)
None
3
LPM
Rd, Z+
Load Program Memory and Post-Inc
Rd
 (Z), Z  Z+1
None
3
ELPM
Extended Load Program Memory
R0
 (RAMPZ:Z)
None
3
ELPM
Rd, Z
Extended Load Program Memory
Rd
 (RAMPZ:Z)
None
3
ELPM
Rd, Z+
Extended Load Program Memory
Rd
 (RAMPZ:Z), RAMPZ:Z RAMPZ:Z+1
None
3
SPM
Store Program Memory
(Z)
 R1:R0
None
-
IN
Rd, P
In Port
Rd
 PNone
1
Mnemonics
Operands
Description
Operation
Flags
#Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com