Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 408 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 408 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 404Page - Microchip Technology ATMEGA640 Datasheet HTML 405Page - Microchip Technology ATMEGA640 Datasheet HTML 406Page - Microchip Technology ATMEGA640 Datasheet HTML 407Page - Microchip Technology ATMEGA640 Datasheet HTML 408Page - Microchip Technology ATMEGA640 Datasheet HTML 409Page - Microchip Technology ATMEGA640 Datasheet HTML 410Page - Microchip Technology ATMEGA640 Datasheet HTML 411Page - Microchip Technology ATMEGA640 Datasheet HTML 412Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 436 page
background image
408
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Notes: 1. This device can also be supplied in wafer form. Contact your local Microchip sales office for detailed ordering information
and minimum quantities.
2. See “Speed Grades” on page 357.
3. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
4. Tape & Reel.
35.2 ATmega1280
Speed [MHz](2)
Power Supply
Ordering Code
Package(1)(3)
Operation Range
8
1.8V - 5.5V
ATmega1280V-8AU
ATmega1280V-8AUR(4)
ATmega1280V-8CU
ATmega1280V-8CUR(4)
100A
100A
100C1
100C1
Industrial (-40
C to 85C)
16
2.7V - 5.5V
ATmega1280-16AU
ATmega1280-16AUR(4)
ATmega1280-16CU
ATmega1280-16CUR(4)
100A
100A
100C1
100C1
Package Type
100A
100-lead, Thin (1.0mm) Plastic Gull Wing Quad Flat Package (TQFP)
100C1
100-ball, Chip Ball Grid Array (CBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com