Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 417 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 417 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 413Page - Microchip Technology ATMEGA640 Datasheet HTML 414Page - Microchip Technology ATMEGA640 Datasheet HTML 415Page - Microchip Technology ATMEGA640 Datasheet HTML 416Page - Microchip Technology ATMEGA640 Datasheet HTML 417Page - Microchip Technology ATMEGA640 Datasheet HTML 418Page - Microchip Technology ATMEGA640 Datasheet HTML 419Page - Microchip Technology ATMEGA640 Datasheet HTML 420Page - Microchip Technology ATMEGA640 Datasheet HTML 421Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 436 page
background image
417
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Problem Fix/Workaround
None.
2. High current consumption in sleep mode
If a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will
increase during sleep when executing the SLEEP instruction directly after a SEI instruction.
Problem Fix/Workaround
Before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled.
37.5 ATmega1281 rev. B
• High current consumption in sleep mode
1. High current consumption in sleep mode
If a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will
increase during sleep when executing the SLEEP instruction directly after a SEI instruction.
Problem Fix/Workaround
Before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled.
37.6 ATmega1281 rev. A
• Inaccurate ADC conversion in differential mode with 200× gain
• High current consumption in sleep mode
1.
Inaccurate ADC conversion in differential mode with 200× gain
With AVCC <3.6V, random conversions will be inaccurate. Typical absolute accuracy may reach 64 LSB.
Problem Fix/Workaround
None.
2. High current consumption in sleep mode
If a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will
increase during sleep when executing the SLEEP instruction directly after a SEI instruction.
Problem Fix/Workaround
Before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled.
37.7 ATmega2560 rev. F
• ADC differential input amplification by 46dB (200x) not functional
1. ADC differential input amplification by 46dB (200x) not functional
Problem Fix/Workaround
None.
37.8 ATmega2560 rev. E
No known errata.
37.9 ATmega2560 rev. D
Not sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com