Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 418 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 418 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 414Page - Microchip Technology ATMEGA640 Datasheet HTML 415Page - Microchip Technology ATMEGA640 Datasheet HTML 416Page - Microchip Technology ATMEGA640 Datasheet HTML 417Page - Microchip Technology ATMEGA640 Datasheet HTML 418Page - Microchip Technology ATMEGA640 Datasheet HTML 419Page - Microchip Technology ATMEGA640 Datasheet HTML 420Page - Microchip Technology ATMEGA640 Datasheet HTML 421Page - Microchip Technology ATMEGA640 Datasheet HTML 422Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 436 page
background image
418
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
37.10 ATmega2560 rev. C
• High current consumption in sleep mode
1. High current consumption in sleep mode
If a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will
increase during sleep when executing the SLEEP instruction directly after a SEI instruction.
Problem Fix/Workaround
Before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled.
37.11 ATmega2560 rev. B
Not sampled.
37.12 ATmega2560 rev. A
• Non-Read-While-Write area of flash not functional
• Part does not work under 2.4 volts
• Incorrect ADC reading in differential mode
• Internal ADC reference has too low value
• IN/OUT instructions may be executed twice when Stack is in external RAM
• EEPROM read from application code does not work in Lock Bit Mode 3
1.
Non-Read-While-Write area of flash not functional
The Non-Read-While-Write area of the flash is not working as expected. The problem is related to the speed of
the part when reading the flash of this area.
Problem Fix/Workaround
- Only use the first 248K of the flash.
- If boot functionality is needed, run the code in the Non-Read-While-Write area at maximum 1/4th of the max-
imum frequency of the device at any given voltage. This is done by writing the CLKPR register before entering
the boot section of the code.
2. Part does not work under 2.4 volts
The part does not execute code correctly below 2.4 volts.
Problem Fix/Workaround
Do not use the part at voltages below 2.4 volts.
3. Incorrect ADC reading in differential mode
The ADC has high noise in differential mode. It can give up to 7 LSB error.
Problem Fix/Workaround
Use only the 7 MSB of the result when using the ADC in differential mode.
4. Internal ADC reference has too low value
The internal ADC reference has a value lower than specified.
Problem Fix/Workaround
- Use AVCC or external reference.
- The actual value of the reference can be measured by applying a known voltage to the ADC when using the
internal reference. The result when doing later conversions can then be calibrated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com