Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 422 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 422 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 418Page - Microchip Technology ATMEGA640 Datasheet HTML 419Page - Microchip Technology ATMEGA640 Datasheet HTML 420Page - Microchip Technology ATMEGA640 Datasheet HTML 421Page - Microchip Technology ATMEGA640 Datasheet HTML 422Page - Microchip Technology ATMEGA640 Datasheet HTML 423Page - Microchip Technology ATMEGA640 Datasheet HTML 424Page - Microchip Technology ATMEGA640 Datasheet HTML 425Page - Microchip Technology ATMEGA640 Datasheet HTML 426Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 436 page
background image
422
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
38. Datasheet Revision History
Note that the referring page numbers in this section are referring to this document. The referring revisions in this
section are referring to the document revision.
38.1 Rev. DS40002211A-05/2020
38.2 Rev. 2549Q-02/2014
38.3 Rev. 2549P-10/2012
38.4 Rev. 2549O-05/2012
1.
Moved document to Microchip template. Replaces Atmel version 2549. No technical content changed.
1.
Updated the “Reset Sources” on page 57. Brown-out Reset: The MCU is reset when the supply voltage
AVcc is below the Brown-out Reset threshold (VBOT) and the Brown-out Detector is enabled.
2.
Updated the Figure 12-1 on page 58. Power-on reset is now connected to AVcc and not to Vcc.
3.
Updated the content in “Brown-out Detection” on page 59. Replaced Vcc by AVcc throughout the section.
4.
Updated the Figure 12-5 on page 60. Replaced Vcc by AVcc.
5.
Updated “External Interrupts” on page 109. Removed the text “Note that recognition of falling or rising
edge.....”.
6.
Updated the description of “PCMSK1 – Pin Change Mask Register 1” on page 113. The description men-
tions "PCIE1 bit in EIMSK". This has been changed to “PCIE1 bit in PCICR”.
7.
Updated “Ordering Information” in “ATmega2561” on page 411.
8.
Removed Errata “Inaccurate ADC conversion in differential mode with 200× gain” from “ATmega1280 rev.
B” on page 416 and from “ATmega1281 rev. B” on page 417
9.
Updated “Errata” in “ATmega2560 rev. F” on page 417 and in “ATmega2561 rev. F” on page 419.
10.
Updated the datasheet with new Atmel brand (new logo and addresses).
1.
Replaced drawing of “64M2” on page 415.
2.
Former page 439 has been deleted as the content of this page did not belong there (same page as the
last page).
3.
Some small correction made in the setup.
1.
The datasheet changed status from Preliminary to Complete. Removed “Preliminary” from the front page.
2.
Replaced Figure 10-3 on page 44 by a new one.
3.
Updated the last page to include the new address for Atmel Japan site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com