Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 424 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 424 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 420Page - Microchip Technology ATMEGA640 Datasheet HTML 421Page - Microchip Technology ATMEGA640 Datasheet HTML 422Page - Microchip Technology ATMEGA640 Datasheet HTML 423Page - Microchip Technology ATMEGA640 Datasheet HTML 424Page - Microchip Technology ATMEGA640 Datasheet HTML 425Page - Microchip Technology ATMEGA640 Datasheet HTML 426Page - Microchip Technology ATMEGA640 Datasheet HTML 427Page - Microchip Technology ATMEGA640 Datasheet HTML 428Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 436 page
background image
424
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
38.8 Rev. 2549K-01/07
38.9 Rev. 2549J-09/06
38.10 Rev. 2549I-07/06
38.11 Rev. 2549H-06/06
1.
Updated Table 1-1 on page 3.
2.
Updated “Pin Descriptions” on page 7.
3.
Updated “Stack Pointer” on page 15.
4.
Updated “Bit 1 – EEPE: EEPROM Programming Enable” on page 35.
5.
Updated Assembly code example in “Thus, when the BOD is not enabled, after setting the ACBG bit or
enabling the ADC, the user must always allow the reference to start up before the output from the Analog
Comparator or ADC is used. To reduce power consumption in Power-down mode, the user can avoid the
three conditions above to ensure that the reference is turned off before entering Power-down mode.” on
page 60.
6:
Updated “EIMSK – External Interrupt Mask Register” on page 111.
7.
Updated Bit description in “PCIFR – Pin Change Interrupt Flag Register” on page 113.
8.
Updated code example in “USART Initialization” on page 205.
9.
Updated Figure 26-8 on page 276.
10.
Updated “DC Characteristics” on page 355.
1.
Updated “” on page 46.
2.
Updated code example in “Moving Interrupts Between Application and Boot Section” on page 107.
3.
Updated “Timer/Counter Prescaler” on page 180.
4.
Updated “Device Identification Register” on page 296.
5.
Updated “Signature Bytes” on page 328.
6.
Updated “Instruction Set Summary” on page 404.
1.
Added “Data Retention” on page 10.
2.
Updated Table 16-3 on page 126, Table 16-6 on page 127, Table 16-8 on page 128, Table 17-2 on page
145, Table 17-4 on page 155, Table 17-5 on page 155, Table 20-3 on page 182, Table 20-6 on page 183
and Table 20-8 on page 184.
3.
Updated “Fast PWM Mode” on page 146.
1.
Updated “” on page 46.
2.
Updated “OSCCAL – Oscillator Calibration Register” on page 48.
3.
Added Table 31-1 on page 359.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com