Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA640 Datasheet(PDF) 423 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 423 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 419Page - Microchip Technology ATMEGA640 Datasheet HTML 420Page - Microchip Technology ATMEGA640 Datasheet HTML 421Page - Microchip Technology ATMEGA640 Datasheet HTML 422Page - Microchip Technology ATMEGA640 Datasheet HTML 423Page - Microchip Technology ATMEGA640 Datasheet HTML 424Page - Microchip Technology ATMEGA640 Datasheet HTML 425Page - Microchip Technology ATMEGA640 Datasheet HTML 426Page - Microchip Technology ATMEGA640 Datasheet HTML 427Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 436 page
background image
423
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
38.5 Rev. 2549N-05/2011
38.6 Rev. 2549M-09/2010
38.7 Rev. 2549L-08/07
1.
Added Atmel QTouch Library Support and QTouch Sensing Capablity Features.
2.
Updated Cross-reference in “Bit 5, 2:0 - WDP3:0: Watchdog Timer Prescaler 3, 2, 1 and 0” on page 65.
3.
Updated Assembly codes in section “USART Initialization” on page 205.
4.
Added “Standard Power-On Reset” on page 360.
5.
Added “Enhanced Power-On Reset” on page 361.
6.
Updated Figure 32-13 on page 381
7.
Updated “Ordering Information” on page 407 to include Tape & Reel devices.
1.
Updated typos in Figure 26-9 on page 276 and in Figure 26-10 on page 277.
2.
Note is added below Table 1-1 on page 3.
3.
The values for “typical characteristics” in Table 31-9 on page 365 and Table 31-10 on page 366, has been
rounded.
4.
Units for tRST and tBOD in Table 31-3 on page 360 have been changed from “ns” to “µs”.
5.
The figure text for Table 31-2 on page 359 has been changed.
6.
Text in first column in Table 30-3 on page 326 has been changed from “Fuse Low Byte” to “Extended
Fuse Byte”.
7.
The text in “Power Reduction Register” on page 52 has been changed.
8.
The value of the inductor in Figure 26-9 on page 276 and Figure 26-10 on page 277 has been changed to
10µH.
9.
“Port A” has been changed into “Port K” in the first paragraph of “Features” on page 268.
10.
Minimum wait delay for tWD_EEPROM in Table 30-16 on page 340 has been changed from 9.0ms to 3.6ms
11.
Dimension A3 is added in “64M2” on page 415.
12.
Several cross-references are corrected.
13.
“COM0A1:0” on page 127 is corrected to “COM0B1:0”.
14.
Corrected some Figure and Table numbering.
15.
Updated Section 10.6 “Low Frequency Crystal Oscillator” on page 43.
1.
Updated note in Table 10-11 on page 45.
2.
Updated Table 10-3 on page 42, Table 10-5 on page 43, Table 10-9 on page 45.
3.
Updated typos in “DC Characteristics” on page 355
4.
Updated “Clock Characteristics” on page 359
5.
Updated “External Clock Drive” on page 359.
6.
Added “System and Reset Characteristics” on page 360.
7.
Updated “SPI Timing Characteristics” on page 363.
8.
Updated “ADC Characteristics – Preliminary Data” on page 365.
9.
Updated ordering code in “ATmega640” on page 407.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com