Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMXRT1024IEC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IMXRT1024IEC
Description  i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1024IEC Datasheet(HTML) 3 Page - NXP Semiconductors

  IMXRT1024IEC Datasheet HTML 1Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 2Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 3Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 4Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 5Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 6Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 7Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 8Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
i.MX RT1024 introduction
i.MX RT1024 Crossover Processors Data Sheet for Industrial Products, Rev. 0, 11/2020
NXP Semiconductors
3
– Periodical interrupt generation
—Two Quad Timers
– 4-channel generic 16-bit resolution timer each
– Each support standard capture and compare operation
– Quadrature decoder integrated
— Two FlexPWMs
– Up to 8 individual PWM channels per each
– 16-bit resolution PWM suitable for Motor Control applications
— Two Quadrature Encoders/Decoders
Each i.MX RT1024 processor enables the following interfaces to external devices (some of them are
muxed and not available simultaneously):
•
Audio:
— S/PDIF input and output
— Three synchronous audio interface (SAI) modules supporting I2S, AC97, TDM, and
codec/DSP interfaces
— MQS interface for medium quality audio via GPIO pads
•
Connectivity:
— One USB 2.0 OTG controller with integrated PHY interface
— Two Ultra Secure Digital Host Controller (uSDHC) interfaces
– MMC 4.5 compliance support up to 100 MB/sec
– SD/SDIO 3.0 compliance with 200 MHz SDR signaling to support up to 100 MB/sec
– Support for SDXC (extended capacity)
— One 10M/100M Ethernet controller with IEEE1588 supported
— Eight universal asynchronous receiver/transmitter (UARTs) modules
— Four I2C modules
— Four SPI modules
— Two FlexCAN modules
•
GPIO and Pin Multiplexing:
— General-purpose input/output (GPIO) modules with interrupt capability
— Input/output multiplexing controller (IOMUXC) to provide centralized pad control
— 90 GPIOs for 144-pin LQFP package
— One FlexIO
The i.MX RT1024 processors integrate Analog module:
— Two Analog-Digital-Converters (ADC), one of which supports differential inputs, up to 19
channels
— Four Analog Comparators (ACMP)
The i.MX RT1024 processors integrate advanced power management unit and controllers:
•
Full PMIC integration, including on-chip DCDC and LDOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com