Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMXRT1024IEC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IMXRT1024IEC
Description  i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1024IEC Datasheet(HTML) 1 Page - NXP Semiconductors

  IMXRT1024IEC Datasheet HTML 1Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 2Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 3Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 4Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 5Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 6Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 7Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 8Page - NXP Semiconductors IMXRT1024IEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMXRT1024IEC
Rev. 0, 11/2020
MIMXRT1024CAG4A
Package Information
Plastic Package
144-Pin LQFP, 20 x 20 mm, 0.5 mm pitch
Ordering Information
See Table 2 on page 6
NXP reserves the right to change the production detail specifications as may be required
to permit improvements in the design of its products.
1
i.MX RT1024 introduction
The i.MX RT1024 is a processor of i.MX RT family
featuring NXP’s advanced implementation of the Arm®
Cortex®-M7 core, which operates at speeds up to 396
MHz to provide high CPU performance and real-time
response.
The i.MX RT1024 processor has 4 MB on-chip flash.
256 KB on-chip RAM can be flexibly configured as
TCM or general-purpose on-chip RAM. The i.MX
RT1024 integrates advanced power management module
with DCDC and LDO that reduces complexity of
external power supply and simplifies power sequencing.
The i.MX RT1024 also provides various memory
interfaces, including SDRAM, RAW NAND FLASH,
NOR FLASH, SD/eMMC, Quad SPI, and a wide range
of connectivity interfaces including UART, SPI, I2C,
USB, and CAN; for connecting peripherals including
WLAN, Bluetooth™, and GPS. The i.MX RT1024 also
has rich audio features, including SPDIF and I2S audio
interface. Various analog IP integration, including ADC,
analog comparator, temperature sensor, etc.
i.MX RT1024 Crossover
Processors Data Sheet
for Industrial Products
1. i.MX RT1024 introduction . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2. Ordering information . . . . . . . . . . . . . . . . . . . . . . . 6
1.3. Package marking information . . . . . . . . . . . . . . . . 8
2. Architectural overview . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.1. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3. Modules list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
3.1. Special signal considerations . . . . . . . . . . . . . . . 16
3.2. Recommended connections for unused analog
interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
4. Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . 18
4.1. Chip-level conditions . . . . . . . . . . . . . . . . . . . . . . 18
4.2. System power and clocks . . . . . . . . . . . . . . . . . . 23
4.3. I/O parameters . . . . . . . . . . . . . . . . . . . . . . . . . . 29
4.4. System modules . . . . . . . . . . . . . . . . . . . . . . . . . 35
4.5. External memory interface . . . . . . . . . . . . . . . . . 40
4.6. Audio . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
4.7. Analog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
4.8. Communication interfaces . . . . . . . . . . . . . . . . . . 60
4.9. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
5. Flash . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
6. Boot mode configuration . . . . . . . . . . . . . . . . . . . . . . . . 75
6.1. Boot mode configuration pins . . . . . . . . . . . . . . . 75
6.2. Boot device interface allocation . . . . . . . . . . . . . . 75
7. Package information and contact assignments . . . . . . . 80
7.1. 20 x 20 mm package information . . . . . . . . . . . . 80
8. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89


Similar Part No. - IMXRT1024IEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1024CEC NXP-IMXRT1024CEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
More results

Similar Description - IMXRT1024IEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1024CEC NXP-IMXRT1024CEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
IMXRT1010IEC NXP-IMXRT1010IEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 09/2019
IMXRT1015CEC NXP-IMXRT1015CEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
IMXRT1015IEC NXP-IMXRT1015IEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
IMXRT1160IEC NXP-IMXRT1160IEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 04/2021
IMXRT1160XEC NXP-IMXRT1160XEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
Rev. 0, 04/2021
IMXRT1170IEC NXP-IMXRT1170IEC Datasheet
2Mb / 130P
i.MX RT1170 Crossover Processors Data Sheet for Industrial Products
Rev. 1, 05/2021
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com