Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8CFE9 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CFE9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CFE9 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button COP8CFE9 Datasheet HTML 29Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 30Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 31Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 32Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 33Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 34Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 35Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 36Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
7.0 Power Saving Features (Continued)
8.0 A/D Converter
This device contains a 16-channel, multiplexed input, suc-
cessive approximation, 10 bit Analog-to-Digital Converter.
Pins AV
CC and AGND are used for the voltage reference.
8.1 OPERATING MODES
It supports both Single Ended and Differential modes of
operation.
Two specific analog channel selection modes are supported.
These are as follows:
1.
Allow any specific channel to be selected at one time.
The A/D Converter performs the specific conversion re-
quested and stops.
2.
Allow any differential channel pair to be selected at one
time. The A/D Converter performs the specific differen-
tial conversion requested and stops.
In both Single Ended and Differential modes, there is the
capability to connect the analog multiplexor output and A/D
converter input to external pins. This provides the ability to
externally connect a common filter/signal conditioning circuit
for the A/D Converter.
The A/D Converter is supported by three memory mapped
registers: two result registers and the control register. When
the device is reset, the mode control register (ENAD) is
cleared, the A/D is powered down and the A/D result regis-
ters have unknown data.
8.1.1 A/D Control Register
The control register, ENAD, contains 4 bits for channel se-
lection, 1 bit for mode selection, 1 bit for the multiplexor
output selection, 1 bit for prescaler selection, and a Busy bit.
An A/D conversion is initiated by setting the ADBSY bit in the
ENAD control register. The result of the conversion is avail-
able to the user in the A/D result registers, ADRSTH and
ADRSTL, when ADBSY is cleared by the hardware on
completion of the conversion.
20026472
FIGURE 19. Multi-Input Wake-Up Logic
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com