Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8CFE9 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CFE9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CFE9 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button COP8CFE9 Datasheet HTML 12Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 13Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 14Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 15Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 16Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 17Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 18Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 19Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
4.0 Functional Description (Continued)
4.4.1 Virtual EEPROM
The Flash memory and the User ISP functions (see Section
5.7), provide the user with the capability to use the flash
program memory to back up user defined sections of RAM.
This effectively provides the user with the same nonvolatile
data storage as EEPROM. Management, and even the
amount of memory used, are the responsibility of the user,
however the flash memory read and write functions have
been provided in the boot ROM.
One typical method of using the Virtual EEPROM feature
would be for the user to copy the data to RAM during system
initialization, periodically, and if necessary, erase the page of
Flash and copy the contents of the RAM back to the Flash.
4.5 OPTION REGISTER
The Option register, located at address 0x1FFF (hex) in the
Flash Program Memory, is used to configure the user select-
able security, WATCHDOG, and HALT options. The register
can be programmed only in external Flash Memory program-
ming or ISP Programming modes. Therefore, the register
must be programmed at the same time as the program
memory. The contents of the Option register shipped from
the factory read 00 Hex.
The format of the Option register is as follows:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SECURITY
Reserved
WATCH
DOG
HALT
FLEX
Bits 7, 6 These bits are reserved and must be 0.
Bit 5
= 1
Security enabled. Flash Memory read and write
are not allowed except in User ISP/Virtual E
2 com-
mands. Mass Erase is allowed.
= 0
Security disabled. Flash Memory read and write
are allowed.
Bits 4, 3 These bits are reserved and must be 0.
Bit 2
= 1
WATCHDOG feature disabled. G1 is a general
purpose I/O.
= 0
WATCHDOG
feature
enabled.
G1
pin
is
WATCHDOG output with weak pullup.
Bit 1
= 1
HALT mode disabled.
= 0
HALT mode enabled.
Bit 0
= 1
Execution following RESET will be from Flash
Memory.
= 0
Flash Memory is erased. Execution following RE-
SET will be from Boot ROM with the MICROWIRE/
PLUS ISP routines.
The COP8 assembler defines a special ROM section type,
CONF, into which the Option Register data may be coded.
The Option Register is programmed automatically by pro-
grammers that are certified by National.
The user needs to ensure that the FLEX bit will be set when
the device is programmed.
The following examples illustrate the declaration of the Op-
tion Register.
Syntax:
[label:].sect
config, conf
.db
value
;1 byte,
;configures
20026410
FIGURE 7. RAM Organization
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com