Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP450M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 3Page - Sanyo Semicon Device SBFP450M Datasheet HTML 4Page - Sanyo Semicon Device SBFP450M Datasheet HTML 5Page - Sanyo Semicon Device SBFP450M Datasheet HTML 6Page - Sanyo Semicon Device SBFP450M Datasheet HTML 7Page - Sanyo Semicon Device SBFP450M Datasheet HTML 8Page - Sanyo Semicon Device SBFP450M Datasheet HTML 9Page - Sanyo Semicon Device SBFP450M Datasheet HTML 10Page - Sanyo Semicon Device SBFP450M Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SBFP450M
No.7493-7/20
S パラメータ(エミッタ接地)
VCE=1V, IC=40mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.641
--146.5
27.826
112.8
0.024
46.2
0.624
--109.5
400
0.692
--164.9
15.249
96.1
0.031
46.8
0.551
--140.5
600
0.710
--172.7
10.202
87.0
0.038
49.9
0.549
--153.1
800
0.707
--178.3
7.659
82.3
0.046
54.9
0.520
--161.1
1000
0.705
177.8
6.130
77.9
0.055
56.3
0.514
--167.2
1200
0.701
173.4
5.110
74.1
0.064
57.8
0.505
--171.3
1400
0.700
169.5
4.396
70.7
0.073
58.1
0.499
--176.0
1600
0.697
166.1
3.870
67.2
0.082
57.3
0.494
--179.6
1800
0.694
162.2
3.461
64.1
0.092
56.3
0.488
177.0
2000
0.692
158.5
3.144
60.3
0.102
54.8
0.481
173.9
2200
0.694
155.3
2.884
56.6
0.111
53.4
0.479
169.7
2400
0.694
151.7
2.643
53.3
0.120
51.5
0.480
166.4
2600
0.696
148.1
2.455
49.7
0.129
49.4
0.477
162.7
2800
0.694
144.7
2.288
46.4
0.137
47.1
0.481
159.4
3000
0.698
141.2
2.137
42.9
0.145
44.9
0.487
155.8
3200
0.701
137.9
2.009
39.6
0.152
42.9
0.497
152.1
3400
0.707
134.8
1.889
36.4
0.159
40.7
0.505
149.0
3600
0.712
131.7
1.782
33.1
0.166
38.3
0.512
145.7
3800
0.715
128.8
1.685
30.1
0.173
36.3
0.523
143.0
4000
0.721
126.1
1.601
27.1
0.178
34.1
0.534
140.0
4200
0.729
123.5
1.519
24.2
0.182
32.1
0.544
137.7
4400
0.733
121.1
1.447
21.4
0.188
29.9
0.551
135.1
4600
0.742
118.6
1.384
18.7
0.193
27.9
0.560
132.7
4800
0.747
116.2
1.327
16.0
0.198
26.1
0.565
130.9
5000
0.752
114.1
1.276
13.5
0.202
24.1
0.570
129.1
5200
0.757
111.8
1.231
10.8
0.207
22.1
0.574
127.0
5400
0.759
109.6
1.186
8.3
0.211
20.2
0.579
124.9
5600
0.759
107.4
1.149
5.8
0.216
18.2
0.582
123.2
5800
0.761
105.3
1.115
3.3
0.220
16.4
0.586
121.1
6000
0.757
100.5
1.067
--0.4
0.222
12.9
0.591
117.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com