Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP450M Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 11Page - Sanyo Semicon Device SBFP450M Datasheet HTML 12Page - Sanyo Semicon Device SBFP450M Datasheet HTML 13Page - Sanyo Semicon Device SBFP450M Datasheet HTML 14Page - Sanyo Semicon Device SBFP450M Datasheet HTML 15Page - Sanyo Semicon Device SBFP450M Datasheet HTML 16Page - Sanyo Semicon Device SBFP450M Datasheet HTML 17Page - Sanyo Semicon Device SBFP450M Datasheet HTML 18Page - Sanyo Semicon Device SBFP450M Datasheet HTML 19Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SBFP450M
No.7493-15/20
S パラメータ(エミッタ接地)
VCE=3V, IC=10mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.658
--81.6
21.004
134.9
0.039
53.2
0.778
--55.8
400
0.667
--122.3
14.207
111.2
0.052
38.5
0.586
--87.1
600
0.683
--142.9
10.207
97.0
0.058
33.3
0.511
--106.6
800
0.667
--154.3
7.763
89.3
0.061
33.8
0.440
--116.0
1000
0.668
--161.7
6.239
82.8
0.065
33.3
0.410
--125.3
1200
0.662
--168.7
5.231
77.7
0.068
35.6
0.388
--131.9
1400
0.659
--174.5
4.460
73.0
0.073
37.3
0.371
--138.1
1600
0.659
--179.3
3.939
68.7
0.078
38.8
0.360
--143.2
1800
0.657
175.7
3.511
64.8
0.083
39.2
0.350
--147.6
2000
0.658
171.3
3.153
60.7
0.089
39.5
0.340
--150.1
2200
0.661
167.3
2.903
56.9
0.095
40.2
0.336
--156.2
2400
0.663
162.8
2.669
52.8
0.101
40.1
0.333
--160.6
2600
0.666
158.5
2.474
48.8
0.108
39.9
0.327
--164.8
2800
0.667
154.6
2.286
45.2
0.113
38.9
0.330
--168.6
3000
0.670
150.4
2.153
41.6
0.119
38.7
0.336
--174.0
3200
0.676
146.6
2.022
38.0
0.124
37.5
0.340
--178.9
3400
0.682
142.9
1.902
34.5
0.130
36.6
0.348
176.7
3600
0.688
139.5
1.795
30.9
0.136
35.4
0.356
172.6
3800
0.694
136.2
1.698
27.6
0.142
34.0
0.368
168.7
4000
0.701
133.1
1.608
24.3
0.146
33.0
0.379
165.1
4200
0.709
130.1
1.531
21.2
0.151
31.8
0.392
161.7
4400
0.716
127.3
1.459
18.0
0.156
30.2
0.402
158.5
4600
0.725
124.6
1.392
15.0
0.162
29.0
0.415
155.5
4800
0.732
122.0
1.329
12.1
0.166
27.6
0.425
153.3
5000
0.739
119.5
1.275
9.3
0.171
26.2
0.436
150.8
5200
0.746
117.2
1.222
6.2
0.176
24.8
0.444
148.5
5400
0.749
114.8
1.180
3.5
0.181
23.3
0.455
146.0
5600
0.752
112.4
1.126
0.8
0.186
21.9
0.464
144.8
5800
0.754
110.0
1.098
--1.8
0.191
20.2
0.471
141.9
6000
0.751
105.2
1.053
--5.8
0.194
17.3
0.477
137.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com