Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP450M Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 5Page - Sanyo Semicon Device SBFP450M Datasheet HTML 6Page - Sanyo Semicon Device SBFP450M Datasheet HTML 7Page - Sanyo Semicon Device SBFP450M Datasheet HTML 8Page - Sanyo Semicon Device SBFP450M Datasheet HTML 9Page - Sanyo Semicon Device SBFP450M Datasheet HTML 10Page - Sanyo Semicon Device SBFP450M Datasheet HTML 11Page - Sanyo Semicon Device SBFP450M Datasheet HTML 12Page - Sanyo Semicon Device SBFP450M Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SBFP450M
No.7493-9/20
S パラメータ(エミッタ接地)
VCE=2V, IC=5mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.770
--58.9
12.902
143.2
0.052
58.2
0.866
--41.9
400
0.742
--98.7
9.811
119.1
0.075
39.8
0.689
--69.7
600
0.736
--123.9
7.502
102.9
0.085
29.2
0.594
--89.2
800
0.706
--138.4
5.807
93.5
0.089
24.9
0.508
--98.3
1000
0.707
--147.8
4.720
85.7
0.092
21.6
0.462
--107.8
1200
0.695
--156.9
3.992
79.5
0.092
21.4
0.432
--115.0
1400
0.689
--163.8
3.420
74.5
0.093
21.0
0.406
--120.9
1600
0.690
--169.6
3.031
69.4
0.094
21.3
0.391
--126.5
1800
0.688
--175.4
2.709
64.8
0.095
21.8
0.379
--131.0
2000
0.689
179.4
2.408
60.0
0.098
21.7
0.369
--132.8
2200
0.694
174.7
2.251
55.9
0.100
22.6
0.361
--139.8
2400
0.695
169.8
2.074
51.5
0.102
23.0
0.356
--144.3
2600
0.699
164.9
1.922
46.9
0.104
23.2
0.349
--148.5
2800
0.699
160.5
1.765
42.9
0.108
23.5
0.351
--151.9
3000
0.704
155.9
1.681
39.2
0.111
24.6
0.355
--158.6
3200
0.707
151.6
1.582
35.4
0.115
24.7
0.358
--163.7
3400
0.714
147.5
1.488
31.5
0.117
25.0
0.366
--168.6
3600
0.721
143.7
1.405
27.6
0.120
25.1
0.372
--173.2
3800
0.725
140.0
1.327
24.0
0.125
24.8
0.385
--177.4
4000
0.732
136.6
1.257
20.5
0.129
24.8
0.397
178.4
4200
0.740
133.5
1.197
17.2
0.134
24.8
0.409
174.4
4400
0.746
130.2
1.142
14.0
0.138
24.4
0.422
170.6
4600
0.755
127.3
1.089
10.8
0.142
24.0
0.435
167.1
4800
0.762
124.6
1.037
7.7
0.147
23.2
0.448
164.2
5000
0.768
121.9
0.993
4.8
0.152
22.8
0.461
161.3
5200
0.775
119.4
0.946
1.7
0.157
22.1
0.472
158.9
5400
0.778
116.8
0.919
--1.0
0.162
21.0
0.484
155.5
5600
0.782
114.3
0.859
--3.9
0.167
20.0
0.500
154.4
5800
0.784
111.9
0.850
--6.2
0.173
18.7
0.506
150.6
6000
0.779
106.9
0.814
--10.4
0.177
16.1
0.510
145.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com