Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP450M Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 4Page - Sanyo Semicon Device SBFP450M Datasheet HTML 5Page - Sanyo Semicon Device SBFP450M Datasheet HTML 6Page - Sanyo Semicon Device SBFP450M Datasheet HTML 7Page - Sanyo Semicon Device SBFP450M Datasheet HTML 8Page - Sanyo Semicon Device SBFP450M Datasheet HTML 9Page - Sanyo Semicon Device SBFP450M Datasheet HTML 10Page - Sanyo Semicon Device SBFP450M Datasheet HTML 11Page - Sanyo Semicon Device SBFP450M Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SBFP450M
No.7493-8/20
S パラメータ(エミッタ接地)
VCE=1V, IC=70mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.671
--159.0
28.263
108.9
0.019
50.1
0.604
--121.0
400
0.709
--171.5
15.245
94.1
0.027
54.8
0.560
--148.5
600
0.722
--177.3
10.169
85.6
0.035
58.6
0.564
--158.8
800
0.719
178.1
7.628
81.4
0.044
62.1
0.540
--166.2
1000
0.716
174.7
6.098
77.3
0.054
63.3
0.536
--171.5
1200
0.714
170.7
5.109
73.9
0.064
63.8
0.527
--175.4
1400
0.712
167.1
4.376
70.7
0.074
63.1
0.524
--179.5
1600
0.708
163.9
3.860
67.2
0.083
61.4
0.520
176.9
1800
0.704
160.1
3.456
63.8
0.093
60.1
0.512
173.8
2000
0.703
156.7
3.152
60.6
0.104
58.2
0.504
170.8
2200
0.704
153.6
2.855
56.8
0.113
56.3
0.504
166.7
2400
0.703
150.0
2.643
53.4
0.123
53.9
0.503
163.4
2600
0.704
146.4
2.454
49.9
0.131
51.7
0.501
160.1
2800
0.702
143.2
2.289
46.6
0.140
49.1
0.508
156.6
3000
0.706
139.7
2.134
43.2
0.148
46.8
0.512
153.2
3200
0.709
136.6
2.005
39.9
0.157
44.4
0.519
149.7
3400
0.714
133.5
1.887
36.8
0.164
41.9
0.530
146.5
3600
0.720
130.5
1.782
33.5
0.170
39.5
0.535
143.5
3800
0.723
127.7
1.685
30.5
0.176
37.3
0.546
140.5
4000
0.728
125.1
1.596
27.6
0.182
35.1
0.554
138.1
4200
0.735
122.5
1.519
24.8
0.188
32.8
0.567
135.4
4400
0.740
120.1
1.447
22.0
0.192
30.6
0.575
133.0
4600
0.748
117.6
1.383
19.3
0.197
28.7
0.581
130.9
4800
0.753
115.3
1.327
16.7
0.202
26.6
0.584
129.0
5000
0.757
113.2
1.277
14.3
0.207
24.6
0.590
126.9
5200
0.761
110.9
1.231
11.6
0.212
22.5
0.595
124.9
5400
0.764
108.8
1.187
9.1
0.216
20.6
0.600
123.0
5600
0.764
106.6
1.152
6.8
0.220
18.6
0.601
121.3
5800
0.765
104.4
1.116
4.2
0.225
16.6
0.605
119.2
6000
0.761
99.8
1.068
0.4
0.227
13.1
0.608
115.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com