Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP450M Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 19 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 12Page - Sanyo Semicon Device SBFP450M Datasheet HTML 13Page - Sanyo Semicon Device SBFP450M Datasheet HTML 14Page - Sanyo Semicon Device SBFP450M Datasheet HTML 15Page - Sanyo Semicon Device SBFP450M Datasheet HTML 16Page - Sanyo Semicon Device SBFP450M Datasheet HTML 17Page - Sanyo Semicon Device SBFP450M Datasheet HTML 18Page - Sanyo Semicon Device SBFP450M Datasheet HTML 19Page - Sanyo Semicon Device SBFP450M Datasheet HTML 20Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SBFP450M
No.7493-19/20
SPICE パラメータ
model:Gummel-Poon
Parameter
Value
Unit
Parameter
Value
Unit
IS
0.13125f
A
TF
7.5068p
S
BF
76.123
XTF
0.69972
NF
0.79652
VTF
0.66148
V
VAF
24.165
V
ITF
0.017655m
A
IKF
0.58905
A
PTF
0
deg
ISE
28.341f
A
CJC
1.0495p
F
NE
1.5563
VJC
1.1487
V
BR
21.254
MJC
0.50644
NR
1.2966
XCJC
0.28285
VAR
13.461
V
TR
2.6912n
S
IKR
258.78m
A
FC
0.91274
ISC
12.292a
A
CJS
0
F
NC
0.70543
VJS
0.75
V
RB
5.403
Ω
MJS
0
IRB
13.181µ
ACC
20f
F
RBM
2.1659
Ω
Cbc
20f
F
RE
0.45346
Ω
Cbe
20f
F
RC
0.50084
Ω
Lb
0.80n
H
XTB
0
Lc
0.84n
H
EG
1.11
eV
Le
1.0n
H
XTI
3
CJE
3.2276f
F
VJE
0.95292
V
MJE
0.48672
回路図
* 本資料に掲載している SPICE パラメータ・データは当社の任意条件のもとに抽出した参考データです。
このため保証するものではありません。本パラメータは開発・設計等の目安としてご利用ください。
Le
Lb
Cbe
CC
Cbc
Lc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com