Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320AV7110 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320AV7110
Description  Integrated Digital Set-top Box Decoder Functional Specification
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320AV7110 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320AV7110 Datasheet HTML 35Page - Texas Instruments TMS320AV7110 Datasheet HTML 36Page - Texas Instruments TMS320AV7110 Datasheet HTML 37Page - Texas Instruments TMS320AV7110 Datasheet HTML 38Page - Texas Instruments TMS320AV7110 Datasheet HTML 39Page - Texas Instruments TMS320AV7110 Datasheet HTML 40Page - Texas Instruments TMS320AV7110 Datasheet HTML 41Page - Texas Instruments TMS320AV7110 Datasheet HTML 42Page - Texas Instruments TMS320AV7110 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 131 page
background image
DSP
TMS320AV7110
Revision 3.1
10/08/99 22:18
Page 39
7.7.2 Split Video Input Buffer
It is also possible to split the video input buffer between DRAM and SDRAM to increase the amount of
SDRAM space available for OSD display. When this mode is selected, the DRAM portion is only used
as an overflow buffer. When the allocated buffer space in the SDRAM is full, the incoming data is
written directly to the DRAM. As soon as memory space is available in the SDRAM, the data is
transferred from the DRAM to the SDRAM via DMA automatically. Once the overflow buffer in the
DRAM has been emptied, incoming data is written directly to the SDRAM again. The video decoder
always takes data from the SDRAM. The size of the buffers in each area of memory is under API
control. At least 107 KBytes of the Video Input Buffer must be located in the SDRAM for the video
decoder to operate properly. The minimum total VBV buffer size required from combined SDRAM
and DRAM is 356,376 Bytes. The split should be changed only when the decoder is inactive to avoid
loss of data. A dedicated DMA channel is used for the automatic transfer of data from the DRAM to
SDRAM to implement this split buffer scheme. Table 16 shows the maximum amount of memory (in
bytes) that can be made available for OSD applications when the video input buffer is split off to the
DRAM (1Mbits and 1.5Mbits shown) on the extension bus.
Table 16. Target OSD Memory Space in SDRAM (in Bytes)
Decoder Options
Max OSD space with a 16Mbit SDRAM
internal
display
sync
Video Input Buffer split
SDRAM
DRAM
Letterbox 3/5 ratio
0.78 B frame
Letterbox 3/4 ratio
0.72 B frame
Normal Display
0.6 B frame
NO
356,376
0
N/A
N/A
74,216
YES
356,376
0
37,241
74,566
149,216
YES
225,304
131,072
168,313
205,638
280,288
YES
159,768
196,608
233,849
271,174
345,824
7.8 Configuration of the Video Decoder
7.8.1 Configuration of video display format
The ‘AV7110 processes video with aspect ratios of 4:3, 16:9, and 2.21:1. It also supports the display
aspect ratio of 4:3 and 16:9. Figure 10 details the various display formats supported by the ‘AV7110,
and the application can select the specific format using API.
The following 3 flags, controlled by the API, are used to define the specific display format.
16:9_DISPLAY:
This flag can only be set during power up; because setting this flag causes an
automatic hardware reset.
0: 4:3 display device, default value
1: 16:9 display device
DIS_PAN_SCAN:
This flag can be set at any time and it takes effect at the next sequence start.
0: [default value] Apply Pan_Scan mode when the source video is 2.21:1,
or when the source video is 16:9 and the display device is specified as 4:3.
1: [Letterbox mode] Selects letterbox display when the source video is 16:9
and the display is 4:3 or when the source video is 2.21 and the display is
16:9. If the source video is 2.21 and the display is 4:3, the specific display
depends on the flag LB_PAN_SCAN
LB_PAN_SCAN:
This flag only applies to the case where the source is 2.21:1 and the output is
4:3
0: letterbox display only, default value
1: apply pan and scan followed by letterbox display
7.8.2 True Size Display Mode
The MPEG-2 bit stream contains two types of image size information; the encoded source image size
and the active display size. Typically, these two sizes are equal. The size information specified by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com