Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320AV7110 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320AV7110
Description  Integrated Digital Set-top Box Decoder Functional Specification
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320AV7110 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320AV7110 Datasheet HTML 17Page - Texas Instruments TMS320AV7110 Datasheet HTML 18Page - Texas Instruments TMS320AV7110 Datasheet HTML 19Page - Texas Instruments TMS320AV7110 Datasheet HTML 20Page - Texas Instruments TMS320AV7110 Datasheet HTML 21Page - Texas Instruments TMS320AV7110 Datasheet HTML 22Page - Texas Instruments TMS320AV7110 Datasheet HTML 23Page - Texas Instruments TMS320AV7110 Datasheet HTML 24Page - Texas Instruments TMS320AV7110 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 131 page
background image
DSP
TMS320AV7110
Revision 3.1
10/08/99 22:18
Page 21
Address
Content
Size *
Comments
CDFF FFFF
Reserved
CC40 0000
CC3F FFFF
Expansion Memory Region
(OSD/User Data)
2 MB
CC20 0000
CC1F FFFF
Audio Buffer
65,536 b
or 8 kB
CC1F E000
CC1F DFFF
Video Buffer
2,748,416 b or 335.5 kB **
CC1A A200
CC19 C1FF
OSD or other use
87,040 B
or 85 kB **
CC19 4E00
CC19 4DFF
B Frame
373,248 B or 364.5 kB
CC13 9C00
(0.6 Frame Size)
CC13 9BFF
Second Reference Frame
622,080 B or 607.5 kB
CC0A 1E00
CC0A 1DFF
First Reference Frame
622,080 B or 607.5 kB
CC00 A000
CC00 9FFF
Video Microcode
36,864 B
or 36 kB
CC00 1000
CC00 0FFF
Tables and FIFOs
3 kB
CC00 0400
* See Table 3
CC00 03FF
Pointers
1 kB
through Table 5
CC00 0000
* B = Bytes, b = Bits
** This is the default size and may vary based on the application
Figure 7. Default Memory Allocation of SDRAM (PAL)
The addresse range from 0xCC000000 to 0xCC000FFF contains decoded bitstream information, error
statistics and monitor information, and Commands and Flags that provide a communication channel
between the ARM CPU and the Video Decoder. The relative addresses for these locations are defined
in Table 3 through Table 5.
Table 3. Decoded Bitstream Information
Byte Address
Name
Usage
Sequence Header as defined in the ISO/IEC 13818-2
0x000C00
horizontal_size_value
0x000C04
vertical_size_value
0x000C08
aspect_ratio_information
0x000C0C
frame_rate_code
0x000C10
bit_rate_value
0x000C18
vbv_buffer_size_value
0x000C1C
constrained_parameters_flag
0x000C20
load_intra_quantizer_matrix
0x000C24
load_non_intra_quantizer_matrix
Sequence Extension as defined in the ISO/IEC 13818-2
0x000C60
profile_and_level_indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com