Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320AV7110 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320AV7110
Description  Integrated Digital Set-top Box Decoder Functional Specification
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320AV7110 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320AV7110 Datasheet HTML 3Page - Texas Instruments TMS320AV7110 Datasheet HTML 4Page - Texas Instruments TMS320AV7110 Datasheet HTML 5Page - Texas Instruments TMS320AV7110 Datasheet HTML 6Page - Texas Instruments TMS320AV7110 Datasheet HTML 7Page - Texas Instruments TMS320AV7110 Datasheet HTML 8Page - Texas Instruments TMS320AV7110 Datasheet HTML 9Page - Texas Instruments TMS320AV7110 Datasheet HTML 10Page - Texas Instruments TMS320AV7110 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 131 page
background image
DSP
TMS320AV7110
Revision 3.1
10/08/99 22:18
Page 7
1. Introduction
The TMS320AV7110 Integrated Set-top Box Decoder is the major component of a Digital Video
Broadcast (DVB) Settop Box. It incorporates: an ARM CPU and a transport packet parser (TPP) with
an integrated European Common Descrambler (ECD), an MPEG-2 video decoder, an MPEG-1 audio
decoder, an NTSC/ PAL video encoder, an on screen display (OSD) controller to mix graphics and
video, a configurable high speed data interface, three UART serial data interfaces, programmable infra
red (IR) input and output ports, a Smart Card interface, and an extension bus to connect peripherals
such as: additional RS232 ports, display and control panels, and extra ROM, DRAM, or EPROM
memory. External program and data memory expansion allows the IC to support a range of set-top
boxes from low end to high end.
1.1 Features
•
fully functional decoder using a single 16 Mbit external SDRAM
•
accepts transport bit-streams of up to 72.8Mbps burst rate (60 Mbps average over one transport
packet)
•
on-chip European Common Descrambler hardware
•
hardware CRC accelerator for SI/PSI information processing
•
video decoder that decodes MPEG-1 and MPEG-2 Main Profile@Main Level bit-streams
•
audio decoder that decodes MPEG-1 Layer I and II and the basic stereo channels from MPEG-2
Multi-channel bit-streams
•
audio output in both PCM and SPDIF formats
•
OSD processor that enables mixture of OSD and video data with transparency
•
BitBLT hardware that accelerates memory block move
•
32/16 bit ARM/Thumb processor that removes the need of another CPU in the set-top box
•
firmware that controls device operation and provides application access to hardware resources
•
on-chip NTSC/PAL encoder that incorporates MacroVision logic for anti-taping protection
•
analog Y/C or RGB, and Composite video outputs with 9-bit precision
•
internally or externally generated video sync signals
•
on-chip SDRAM controller for 16, 20, or 32 Mbit SDRAM
•
general purpose 16-/32-bit Extension Bus Interface (EBI)
•
a configurable high speed data interface to connect to either an IEEE 1394 link device, an IEEE
1284 interface, or an external DMA device like SCSI that supports up to 16 Mbps data rate
•
two 4-wire UART data ports supporting up to 115.2Kbps rate, and one 2-wire UART data port
supporting up to 9.6Kbps rate
•
ISO 7816-3/NDC Smart Card interface
•
I
2C master/slave interface
•
a programmable IR input port
•
a programmable IR output port
•
four dedicated general purpose I/O pins and five multiplexed pins which can be configured to be
general purpose I/O pins
•
2.5 volt device with 3.3 volt I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com