Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320AV7110 Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS320AV7110
Description  Integrated Digital Set-top Box Decoder Functional Specification
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320AV7110 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320AV7110 Datasheet HTML 77Page - Texas Instruments TMS320AV7110 Datasheet HTML 78Page - Texas Instruments TMS320AV7110 Datasheet HTML 79Page - Texas Instruments TMS320AV7110 Datasheet HTML 80Page - Texas Instruments TMS320AV7110 Datasheet HTML 81Page - Texas Instruments TMS320AV7110 Datasheet HTML 82Page - Texas Instruments TMS320AV7110 Datasheet HTML 83Page - Texas Instruments TMS320AV7110 Datasheet HTML 84Page - Texas Instruments TMS320AV7110 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 131 page
background image
DSP
TMS320AV7110
Revision 3.1
10/08/99 22:18
Page 81
Table 43. I/O Control/Status Registers, IOCSRn
Bit Number
Name
Description
31-6
Reserved
Set to 0 (read only)
5
gpio_en
Selects register for muxed gpios, gpio=0, other=1(default)
4
ddio
Delta detect bit:
Configured as Output: (cio = 1)
Always Reads as a ‘0’
Configured as Input: (cio=0)
Reads a ‘1’ if bit 0 has changed since ddio was last cleared.
Otherwise reads a ‘0’
NOTE: Always write a ‘1’ to this bit when enabling IRQ
generation. This will clear the ddio bit.
3:2
gpio_irq1:0
See Table 44
1
cio
configure I/O:
0 = input
1 = output
0
io
IO bit:
Writeable when IO is configured as an output (cio=1).
Reads value on IO pin when IO is configured as input (cio=0).
Table 44. GPIO_IRQ Bit Definitions
gpio_irq1
gpio_irq0
Function
00
Disable IRQ
0
1
An IRQ is generated on the Rising Edge
1
0
An IRQ is generated on the Falling Edge
1
1
An IRQ is generated on a State Change
14.8 I
2C Interface
The ‘AV7110 includes an Inter Integrated Circuit (I
2C) serial bus interface that can act as either a single
master (default) or slave. Only the ‘standard mode’ (100 kbit/s) I
2C-bus system is implemented; ‘fast
mode’ is not supported. The interface uses 7-bit addressing only. In slave mode, the address of the
‘AV7110 is programmed by an API. In master mode, the ‘AV7110 initiates and terminates transfers
and generates clock signals.
To put the device in slave mode, the ARM must write to a control register in the block. The API must
set the slave mode select and a 7-bit address for the ‘AV7110. It must also send a software reset to the
I
2C to complete the transition to slave mode.
In slave mode, when the programmable address bits match the applied address, the ‘AV7110 will
respond accordingly. The ‘AV7110 will also respond to general call commands issued to address 0 (the
general call address) that change the programmable part of the slave address. These commands are
0x04 and 0x06 No other general call commands are acknowledged, and no action is taken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com