Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320AV7110 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320AV7110
Description  Integrated Digital Set-top Box Decoder Functional Specification
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320AV7110 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320AV7110 Datasheet HTML 9Page - Texas Instruments TMS320AV7110 Datasheet HTML 10Page - Texas Instruments TMS320AV7110 Datasheet HTML 11Page - Texas Instruments TMS320AV7110 Datasheet HTML 12Page - Texas Instruments TMS320AV7110 Datasheet HTML 13Page - Texas Instruments TMS320AV7110 Datasheet HTML 14Page - Texas Instruments TMS320AV7110 Datasheet HTML 15Page - Texas Instruments TMS320AV7110 Datasheet HTML 16Page - Texas Instruments TMS320AV7110 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 131 page
background image
DSP
TMS320AV7110
Revision 3.1
10/08/99 22:18
Page 13
Comments
Address
Content
General Description
FFFF FFFF
NOT USED
CE00 0000
Unprotected but with some =>
CDFF FFFF
SDRAM (4 MBytes)
* See SDRAM Memory Map Section
Supervisor only access sub-regions CC00 0000
CBFF FFFF
NOT USED
A200 0000
A1FF FFFF
Reserved
A000 0C00
FIQ/BIT access only (protected) =>
A000 0BFF
SRAM (CPU)
A000 0000
On Chip SRAM
9FFF FFFF
Reserved
9E00 0D34
FIQ/BIT access only (protected) =>
9E00 0D33
SRAM (HW )
9E00 0000
9DFF FFFF
NOT USED
7400 0000
Supervisor access only (protected) =>
73FF FFFF
NTSC/PAL Encoder
7200 0000
Supervisor access only (protected) =>
71FF FFFF
BitBlt
7000 0000
Supervisor access only (protected) =>
6FFF FFFF
CCP
6E00 0000
FIQ/BIT access only (protected) =>
6DFF FFFF
Audio Decoder
6C00 0000
Hardware Registers
FIQ/BIT access only (protected) =>
6BFF FFFF
Video Decoder
& Memory Region
6A00 0000
(See Register descriptions
Supervisor access only (protected) =>
69FF FFFF
OSD
in Section 16)
6800 0000
FIQ/BIT access only (protected) =>
67FF FFFF
TC
6600 0000
FIQ/BIT access only (protected) =>
65FF FFFF
TPP
6400 0000
FIQ/BIT access only (protected - but with =>
63FF FFFF
HDSI
some User accessable sub-regions)
6200 0000
61FF FFFF
NOT USED
3A00 0000
USER Access (un-protected) =>
39FF FFFF
CS6
3800 0000
USER Access (un-protected) =>
37FF FFFF
CS5
3600 0000
USER Access (un-protected) =>
35FF FFFF
CS4
3400 0000
USER Access (un-protected) =>
33FF FFFF
CS3
EBI Space
3200 0000
(Section 12)
USER Access (un-protected) =>
31FF FFFF
CS2
3000 0000
USER Access (un-protected) =>
2FFF FFFF
DRAM
2E00 0000
USER Access (un-protected - but some =>
2DFF FFFF
CS1
Supervisor only sub-regions and no 8-bit write access) 2C00 0000
2BFF FFFF
NOT USED
0200 0000
Figure 2. The ‘AV7110 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com