Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17823BGCB Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX17823BGCB
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823BGCB Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX17823BGCB Datasheet HTML 18Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 19Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 20Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 21Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 22Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 23Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 24Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 25Page - Maxim Integrated Products MAX17823BGCB Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 22
Die Temperature Measurement
The die temperature measurement allows the host to compute the device temperature (TDIE) as it relates to the
acquisition accuracy and allows the device to automatically shut itself down when TDIE > 145°C. The measurement
employs a source whose voltage, VPTAT, is proportional to absolute temperature (PTAT) as shown in Figure 7. The
VPTAT measurement is enabled by setting DIAGSEL[2:0] to 0b110 and the 14-bit measurement is stored in
DIAG[15:2]. The die temperature measurement requires a settling time of 50us from the start of the measurement
cycle until the diagnostic conversion. As long as 2 or more cell measurements are enabled, there will be sufficient
settling time for this measurement. Refer to Figure 9 and Table 8 for a detailed view of this timing.
The PTAT voltage is computed as follows:
VPTAT = (DIAG[15:2] / 16384d) x VREF
Where VREF = 2.307V. The measured voltage may be converted into °C as follows:
TDIE (in °C) = (VPTAT / AV_PTAT) + TOS_PTAT - 273°C
Refer to the Electrical Characteristics Table for AV_PTAT and TOS_PTAT values.
Die Temperature Alert
The ALRTTEMP bit is updated at the end of each measurement cycle for which DIAGSEL[2:0] = 0b110. If
ALRTTEMP is set, it signifies that TDIE > TALRTTEMP or that the diagnostic measurement did not have sufficient settling
time (< 50µs) and therefore may not be accurate. If ALRTTEMP is set, the host should consider the possibility that
the acquisition does not meet the expected accuracy specification, or that the die temperature measurement itself
may be inaccurate due to insufficient settling time (< 2 cell measurements enabled).
-
+
LV
MUX
ADC
VREF
VTHRM
+
-
AGND
ALRTTEMP
VPTAT
1.230V
Figure 7. Die Temperature Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com